Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 7Page - Analog Devices AD7440BRT-R2 Datasheet HTML 8Page - Analog Devices AD7440BRT-R2 Datasheet HTML 9Page - Analog Devices AD7440BRT-R2 Datasheet HTML 10Page - Analog Devices AD7440BRT-R2 Datasheet HTML 11Page - Analog Devices AD7440BRT-R2 Datasheet HTML 12Page - Analog Devices AD7440BRT-R2 Datasheet HTML 13Page - Analog Devices AD7440BRT-R2 Datasheet HTML 14Page - Analog Devices AD7440BRT-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 11 of 28
Positive Gain Error
This is the deviation of the last code transition (011...110 to
011...111) from the ideal VIN+ – VIN– (i.e., +VREF − 1 LSB), after
the zero code error has been adjusted out.
Negative Gain Error
This is the deviation of the first code transition (100...000 to
100...001) from the ideal VIN+ − VIN– (i.e., –VREF + 1 LSB),
after the zero code error has been adjusted out.
Track-and-Hold Acquisition Time
The track-and-hold acquisition time is the minimum time
required for the track-and-hold amplifier to remain in track
mode for its output to reach and settle to within 0.5 LSB of the
applied input signal.
Power Supply Rejection Ratio (PSRR)
The power supply rejection ratio is the ratio of the power in
the ADC output at full-scale frequency, f, to the power of a
100 mV p-p sine wave applied to the ADC VDD supply of
frequency fS. The frequency of this input varies from 1 kHz to
1 MHz.
PSRR (dB) = 10log(Pf/PfS)
Pf is the power at frequency f in the ADC output; Pfs is the
power at frequency fS in the ADC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com