Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 20Page - Analog Devices AD7440BRT-R2 Datasheet HTML 21Page - Analog Devices AD7440BRT-R2 Datasheet HTML 22Page - Analog Devices AD7440BRT-R2 Datasheet HTML 23Page - Analog Devices AD7440BRT-R2 Datasheet HTML 24Page - Analog Devices AD7440BRT-R2 Datasheet HTML 25Page - Analog Devices AD7440BRT-R2 Datasheet HTML 26Page - Analog Devices AD7440BRT-R2 Datasheet HTML 27Page - Analog Devices AD7440BRT-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 26 of 28
AD7440/AD7450A to TMS320C5x/C54x
The serial interface on the TMS320C5x/C54x uses a continuous
serial clock and frame synchronization signals to synchronize
the data transfer operations with peripheral devices like the
AD7440/AD7450A. The CS input allows easy interfacing
between the TMS320C5x/C54x and the AD7440/AD7450A
without any glue logic required. The serial port of the
TMS320C5x/C54x is set up to operate in burst mode with
internal CLKx (Tx serial clock) and FSx (Tx frame sync). The
serial port control register (SPC) must have the following setup:
FO = 0, FSM = 1, MCM = 1, and TxM = 1. The format bit, FO,
may be set to 1 to set the word length to eight bits in order to
implement the power-down mode on the AD7440/AD7450A.
The connection diagram is shown in Figure 46. For signal
processing applications, it is imperative that the frame
synchronization signal from the TMS320C5x/C54x provide
equidistant sampling.
AD7440/
AD7450A*
TMS320C5x/
C54x*
CLKx
DR
FSx
FSR
SCLK
SDATA
CS
CLKR
*ADDITIONAL PINS REMOVED FOR CLARITY
Figure 46. Interfacing to the TMS320C5x/C54
AD7440/AD7450A to DSP56xxx
The connection diagram in Figure 47 shows how the device can
be connected to the synchronous serial interface (SSI) of the
DSP56xxx family of DSPs from Motorola. The SSI is operated in
synchronous mode (SYN bit in CRB = 1) with internally
generated 1-word frame sync for both Tx and Rx (Bits FSL1 = 0
and FSL0 = 0 in CRB). Set the word length to 16 by setting Bits
WL1 = 1 and WL0 = 0 in CRA. To implement power-down
mode on the AD7440/AD7450A, the word length can be
changed to 8 bits by setting Bits WL1 = 0 and WL0 = 0 in CRA.
For signal processing applications, it is imperative that the
frame synchronization signal from the DSP56xxx provide
equidistant sampling.
AD7440/
AD7450A*
DSP56xxx*
SCLK
SRD
SR2
SCLK
SDATA
CS
*ADDITIONAL PINS REMOVED FOR CLARITY
Figure 47. Interfacing to the DSP56xxx
GROUNDING AND LAYOUT HINTS
The printed circuit board that houses the AD7440/AD7450A
should be designed so that the analog and digital sections are
separated and confined to certain areas of the board. This
facilitates the use of ground planes that can be easily separated.
A minimum etch technique is generally best for ground planes
as it gives the best shielding. Digital and analog ground planes
should be joined in only one place, a star ground point
established as close to the GND pin on the AD7440/AD7450A
as possible. Avoid running digital lines under the devices
because this couples noise onto the die. The analog ground
plane should be allowed to run under the AD7440/AD7450A to
avoid noise coupling. The power supply lines to the
AD7440/AD7450A should use as large a trace as possible to
provide low impedance paths and reduce the effects of glitches
on the power supply line.
Fast switching signals like clocks should be shielded with digital
ground to avoid radiating noise to other sections of the board,
and clock signals should never run near the analog inputs.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
reduces the effects of feedthrough through the board. A micro-
strip technique is by far the best but is not always possible with
a double-sided board.
In this technique, the component side of the board is dedicated
to ground planes while signals are placed on the solder side.
Good decoupling is also important. All analog supplies should
be decoupled with 10 µF tantalum capacitors in parallel with
0.1 µF capacitors to GND. To achieve the best from these
decoupling components, they must be placed as close as
possible to the device.
EVALUATING THE AD7440/AD7450A
PERFORMANCE
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for
controlling the board from a PC via the evaluation board
controller. The evaluation board controller can be used in
conjunction with the AD7440/AD7450A evaluation board, as
well as many other Analog Devices evaluation boards ending
with the CB designator, to demonstrate and evaluate the ac and
dc performance of the AD7440/AD7450A.
The software allows the user to perform ac (fast Fourier
transform) and dc (histogram of codes) tests on the device. See
the AD7440/AD7450A application note that accompanies the
evaluation kit for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com