Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 16Page - Analog Devices AD7440BRT-R2 Datasheet HTML 17Page - Analog Devices AD7440BRT-R2 Datasheet HTML 18Page - Analog Devices AD7440BRT-R2 Datasheet HTML 19Page - Analog Devices AD7440BRT-R2 Datasheet HTML 20Page - Analog Devices AD7440BRT-R2 Datasheet HTML 21Page - Analog Devices AD7440BRT-R2 Datasheet HTML 22Page - Analog Devices AD7440BRT-R2 Datasheet HTML 23Page - Analog Devices AD7440BRT-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 20 of 28
DIGITAL INPUTS
The digital inputs applied to the device are not limited by the
maximum ratings, which limit the analog limits. Instead the
digital inputs applied, CS and SCLK, can go to 7 V and are not
restricted by the VDD + 0.3 V limits as on the analog input.
The main advantage of the inputs not being restricted to the
VDD + 0.3 V limit is that power supply sequencing issues are
avoided. If CS and SCLK are applied before VDD, there is no risk
of latch-up as there would be on the analog inputs if a signal
greater than 0.3 V was applied prior to VDD.
REFERENCE
An external reference source is required to supply the reference
to the device. This reference input can range from 100 mV to
3.5 V. With a 5 V power supply, the specified reference is 2.5 V
and the maximum reference is 3.5 V. With a 3 V power supply,
the specified reference is 2 V and the maximum reference is
2.2 V. In both cases, the reference is functional from 100 mV.
Ensure that, when choosing the reference value for a particular
application, the maximum analog input range (VIN max) is
never greater than VDD + 0.3 V to comply with the maximum
ratings of the device. The following two examples calculate the
maximum VREF input that can be used when operating the
AD7440/AD7450A at a VDD of 5 V and 3 V, respectively.
Example 1
VIN max = VDD + 0.3
VIN max = VREF + VREF/2
If VDD = 5 V, then VIN max = 5.3 V.
Therefore
3 × VREF/2 = 5.3 V
VREF max = 3.5 V
Thus, when operating at VDD = 5 V, the value of VREF can range
from 100 mV to a maximum value of 3.5 V. When VDD = 4.75 V,
VREF max = 3.17 V.
Example 2
VIN max = VDD + 0.3
VIN max = VREF + VREF/2
If VDD = 3 V, then VIN max = 3.3 V.
Therefore,
3 × VREF/2 = 3.3 V
VREF max = 2.2 V
Thus, when operating at VDD = 3 V, the value of VREF can range
from 100 mV to a maximum value of 2.2 V. When VDD = 2.7 V,
VREF max = 2 V.
These examples show that the maximum reference applied to
the AD7440/AD7450A is directly dependent on the value
applied to VDD.
The value of the reference sets the analog input span and the
common-mode voltage range. Errors in the reference source
result in gain errors in the AD7440/AD7450A transfer function
and add to specified full-scale errors on the part. A 0.1 µF
capacitor should be used to decouple the VREF pin to GND.
Figure 38 shows a typical connection diagram for the VREF pin.
Table 6 lists examples of suitable voltage references.
1
AD780
NC
8
2
VIN
NC
7
3
GND
6
4
TEMP
5
OPSEL
TRIM
VOUT
AD7440/
AD7450A*
VREF
2.5V
NC
VDD
NC
VDD
NC = NO CONNECT
10nF
0.1
µF
0.1
µF
0.1
µF
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 38. Typical VREF Connection Diagram for VDD = 5 V
Table 6. Examples of Suitable Voltage References
Reference
Output
Voltage (V)
Initial
Accuracy (%)
Operating
Current (µA)
AD780
2.5/3
0.04
1000
ADR421
2.5
0.04
500
ADR420
2.048
0.05
500
SINGLE-ENDED OPERATION
When supplied with a 5 V power supply, the AD7440/AD7450A
can handle a single-ended input. The design of these devices is
optimized for differential operation, so with a single-ended
input, performance degrades. Linearity degrades by typically
0.2 LSB, the full-scale errors degrade typically by 1 LSB, and ac
performance is not guaranteed.
To operate the AD7440/AD7450A in single-ended mode, the
VIN+ input is coupled to the signal source, while the VIN– input is
biased to the appropriate voltage corresponding to the midscale
code transition. This voltage is the common mode, which is a
fixed dc voltage (usually the reference). The VIN+ input swings
around this value and should have a voltage span of 2 × VREF to
make use of the full dynamic range of the part. The input signal
therefore has peak-to-peak values of common mode ±VREF. If
the analog input is unipolar, an op amp in a noninverting unity
gain configuration can be used to drive the VIN+ pin. The ADC
operates from a single supply, so it is necessary to level shift
ground-based bipolar signals to comply with the input
requirements. An op amp can be configured to rescale and level
shift the ground-based bipolar signal, so it is compatible with
the selected input range of the AD7440/AD7450A (Figure 39).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com