Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 15Page - Analog Devices AD7440BRT-R2 Datasheet HTML 16Page - Analog Devices AD7440BRT-R2 Datasheet HTML 17Page - Analog Devices AD7440BRT-R2 Datasheet HTML 18Page - Analog Devices AD7440BRT-R2 Datasheet HTML 19Page - Analog Devices AD7440BRT-R2 Datasheet HTML 20Page - Analog Devices AD7440BRT-R2 Datasheet HTML 21Page - Analog Devices AD7440BRT-R2 Datasheet HTML 22Page - Analog Devices AD7440BRT-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 19 of 28
Op Amp Pair
An op amp pair can be used to directly couple a differential
signal to the AD7440/AD7450A. The circuit configurations
shown in Figure 35 and Figure 36 show how a dual op amp can
be used to convert a single-ended signal into a differential
signal for both a bipolar and unipolar input signal, respectively.
The voltage applied to Point A sets up the common-mode
voltage. In both diagrams, it is connected in some way to the
reference, but any value in the common-mode range can be
input here to set up the common mode. The AD8022 is a
suitable dual op amp that could be used in this configuration
to provide differential drive to the AD7440/AD7450A.
Take care when choosing the op amp; the selection depends on
the required power supply and system performance objectives.
The driver circuits in Figure 35 and Figure 36 are optimized for
dc coupling applications requiring best distortion performance.
The circuit configuration shown in Figure 35 converts a
unipolar, single-ended signal into a differential signal.
The differential op amp driver circuit in Figure 36 is configured
to convert and level shift a single-ended, ground-referenced
(bipolar) signal to a differential signal centered at the VREF level
of the ADC.
VDD
2
× V
REF p-p
VREF
GND
390
Ω
220
Ω
220
Ω
220
Ω
10k
Ω
27
Ω
27
Ω
0.1
µF
V+
V–
V+
V–
A
VIN+
VIN–
VREF
AD7440/
AD7450A
EXTERNAL
VREF
Figure 35. Dual Op Amp Circuit to Convert a Single-Ended Unipolar Signal
into a Differential Signal
GND
V+
V–
V+
V–
A
VIN+
VDD
VIN–
VREF
AD7440/
AD7450A
2
× V
REF p-p
390
Ω
220
Ω
220
Ω
220
Ω
220
Ω
10k
Ω
20k
Ω
27
Ω
27
Ω
0.1
µF
EXTERNAL
VREF
Figure 36. Dual Op Amp Circuit to Convert a Single-Ended Bipolar Signal into
a Differential Signal
RF Transformer
An RF transformer with a center tap offers a good solution for
generating differential inputs in systems that do not need to
be dc-coupled. Figure 37 shows how a transformer is used for
single-ended-to-differential conversion. It provides the benefits
of operating the ADC in the differential mode without contri-
buting additional noise and distortion. An RF transformer also
has the benefit of providing electrical isolation between the
signal source and the ADC. A transformer can be used for most
ac applications. The center tap is used to shift the differential
signal to the common-mode level required; in this case, it is
connected to the reference so the common-mode level is the
value of the reference.
R
R
C
3.75V
2.5V
1.25V
3.75V
2.5V
1.25V
R
VIN+
VIN–
VREF
AD7440/
AD7450A
EXTERNAL
VREF
Figure 37. Using an RF Transformer to Generate Differential Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com