Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 10Page - Analog Devices AD7440BRT-R2 Datasheet HTML 11Page - Analog Devices AD7440BRT-R2 Datasheet HTML 12Page - Analog Devices AD7440BRT-R2 Datasheet HTML 13Page - Analog Devices AD7440BRT-R2 Datasheet HTML 14Page - Analog Devices AD7440BRT-R2 Datasheet HTML 15Page - Analog Devices AD7440BRT-R2 Datasheet HTML 16Page - Analog Devices AD7440BRT-R2 Datasheet HTML 17Page - Analog Devices AD7440BRT-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 14 of 28
10,000
0
1,000
2,000
3,000
4,000
5,000
6,000
7,000
8,000
9,000
2044
2045
2046
2047
2048
2049
CODE
10,000
CODES
VIN+ = VIN–
10,000 CONVERSIONS
fS = 1MSPS
Figure 19. Histogram of 10,000 Conversions of a DC Input for the
AD7450A with VDD = 5 V
0
–140
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = +61.6dB
THD = –81.7dB
SFDR = –83.1dB
Figure 20. AD7440 Dynamic Performance with VDD = 5 V
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
256
512
768
1024
CODE
Figure 21. Typical DNL for the AD7440 for VDD = 5 V
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
256
512
768
1024
CODE
Figure 22. Typical INL for the AD7440 for VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com