Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC256K16EO Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4LC256K16EO Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright © Alliance Semiconductor. All rights reserved.
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 1 of 25
3.3V 256K X 16 CMOS DRAM (EDO)
®
Features
• Organization: 262,144 words × 16 bits
•High speed
- 45/60 ns RAS access time
- 10/12/15/20 ns column address access time
- 7/10/10 ns CAS access time
• Low power consumption
- Active:
280 mW max (AS4LC256K16EO-35)
- Standby: 2.8 mW max, CMOS I/O (AS4LC256K16EO-
35)
•EDO page mode
•5V I/O tolerant
• 512 refresh cycles, 8 ms refresh interval
-RAS-only or CAS-before-RAS refresh or self refresh
• Read-modify-write
• LVTTL-compatible, three-state I/O
• JEDEC standard packages
- 400 mil, 40-pin SOJ
- 400 mil, 40/44-pin TSOP II
• 3.3V power supply
• Latch-up current > 200 mA
Pin arrangement
40
39
38
37
36
35
34
33
32
31
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
SOJ
30
29
28
27
26
25
24
23
22
21
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
GND
1
2
3
4
5
6
7
8
9
10
Vcc
I/O0
I/O1
I/O2
I/O3
Vcc
I/O4
I/O5
I/O6
I/O7
11
12
13
14
15
16
17
18
19
20
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
GND
44
43
42
41
40
39
38
37
36
35
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
21
22
TSOP II
Pin designation
Pin(s)
Description
A0 to A8
Address inputs
RAS
Row address strobe
I/O0 to I/O15
Input/output
OE
Output enable
UCAS
Column address strobe, upper byte
LCAS
Column address strobe, lower byte
WE
Read/write control
VCC
Power (3.3V
± 0.3V)
GND
Ground
Selection guide
Symbol
AS4LC256K16EO-35
AS4LC256K16EO-45
AS4LC256K16EO-60
Unit
Maximum RAS access time
tRAC
35
45
60
ns
Maximum column address access time
tCAA
17
20
25
ns
Maximum CAS access time
tCAC
710
10
ns
Maximum output enable (OE) access time
tOEA
710
10
ns
Minimum read or write cycle time
tRC
50
80
100
ns
Minimum EDO page mode cycle time
tPC
15
17
30
ns
Maximum operating current
ICC1
70
60
50
mA
Maximum CMOS standby current
ICC2
200
200
200
µA


Similar Part No. - AS4LC256K16EO

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S0 ALSC-AS4LC2M8S0 Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-10TC ALSC-AS4LC2M8S0-10TC Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-7TC ALSC-AS4LC2M8S0-7TC Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-8TC ALSC-AS4LC2M8S0-8TC Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
More results

Similar Description - AS4LC256K16EO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
256k x 16-Bit EDO-DRAM
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
256K X 16 BIT EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com