Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC256K16EO Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4LC256K16EO Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 2 of 25
Functional description
The AS4LC256K16EO is a high-performance 4 megabit CMOS Dynamic Random Access Memory (DRAM) organized as
262,144 words by 16 bits. The AS4LC256K16EO is fabricated with advanced CMOS technology and designed with innovative
design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels.
The AS4LC256K16EO features a high speed page mode operation in which high speed read, write and read-write are
performed on any of the 512
× 16 bits defined by the column address. The asynchronous column address uses an extremely
short row address capture time to ease the system level timing constraints associated with multiplexed addressing. Very fast CAS
to output access time eases system design.
Refresh on the 512 address combinations of A0 to A8 during an 8 ms period is accomplished by performing any of the
following:
•RAS-only refresh cycles
• Hidden refresh cycles
•CAS-before-RAS refresh cycles
• Normal read or write cycles
• Self refresh cycles
The AS4LC256K16EO is available in standard 40-pin plastic SOJ and 40/44-pin TSOP II packages compatible with widely
available automated testing and insertion equipment. System level features include single power supply of 3.3V
± 0.3V
tolerance and direct interface with TTL logic families.
Logic block diagram
Recommended operating conditions
(Ta = 0°C to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
3.03.3
3.6V
GND
0.0
0.0
0.0
V
Input voltage
VIH
2.0
–
VCC + 1
V
VIL
–1.0
–
0.8
V
512×512×16
ARRAY
(4,194,304)
SENSE AMP
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
COLUMN DECODER
RAS CLOCK
GENERATOR
SUBSTRATE
BIAS
GENERATOR
DATA
I/O
BUFFER
OE
RAS
UCAS
WE CLOCK
GENERATOR
WE
LCAS
I/O0 to I/O15
CAS CLOCK
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com