Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC256K16EO Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4LC256K16EO Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 5 of 25
AC parameters common to all waveforms
Read cycle
Std Symbol Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tRC
Random read or write cycle time
50
–
80
–
100
–
ns
tRP
RAS precharge time
15
–
20
–
20
–
ns
tRAS
RAS pulse width
35
75K
45
75K
60
75K
ns
tCAS
CAS pulse width
6
–
10
–
10
–
ns
tRCD
RAS to CAS delay time
12
18
18
32
15
45
ns
6
tRAD
RAS to column address delay time
8
14
13
23
15
30
ns
7
tRSH(R)
CAS to RAS hold time (read cycle)
10
–
10
–
12
–
ns
tCSH
RAS to CAS hold time
35
–
45
–
60
–
ns
tCRP
CAS to RAS precharge time
5
–
5
–
5
–
ns
tASR
Row address setup time
0
–
0
–
0
–
ns
tRAH
Row address hold time
6
–
8
–
9
–
ns
tT
Transition time (rise and fall)
1.5
50
1.5
50
1.5
50
ns
4,5
tREF
Refresh period
–
8
–
8
–
8
ms
3
tCLZ
CAS to output in low Z
0
–
3
–
3
–
ns
8
Std Symbol
Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tRAC
Access time from RAS
–35
–
45
–
60
ns
6
tCAC
Access time from CAS
–
7
–
10
–
10
ns
6,13
tAA
Access time from address
–
17
–
22
–
30
ns
7,13
tAR(R)
Column add hold from RAS
28
–
35
–
40
–
ns
tRCS
Read command setup time
0
–
0
–
0
–
ns
tRCH
Read command hold time to CAS
0–
0
–
0
–
ns
9
tRRH
Read command hold time to RAS
0–
0
–
0
–
ns
9
tRAL
Column address to RAS Lead time
18
–
25
–
30
–
ns
tCPN
CAS precharge time
4
–
5
–
5
–
ns
tOFF
Output buffer turn-off time
0
8
0
10
0
10
ns
8,10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com