Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC256K16EO Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4LC256K16EO Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 6 of 25
Write cycle
Read-modify-write cycle
Std Symbol Parameter
-35
-45
-60
Unit
Notes
MinMax
MinMax
MinMax
tASC
Column address setup time
0
–
0
–
0
–
ns
tCAH
Column address hold time
5
–
6
–
10
–
ns
tAWR
Column address hold time to RAS
28
–
35
–
40
–
ns
tWCS
Write command setup time
0
–
0
–
0
–
ns
11
tWCH
Write command hold time
0
–
0
–
0
–
ns
11
tWCR
Write command hold time to RAS
28
–
35
–
40
–
ns
tWP
Write command pulse width
5
–
6
–
10
–
ns
tRWL
Write command to RAS lead time
11
–
12
–
12
–
ns
tCWL
Write command to CAS lead time
11
–
12
–
12
–
ns
tDS
Data-in setup time
0
–
0
–
0
–
ns
12
tDH
Data-in hold time
5
–
6
–
10
–
ns
12
tDHR
Data-in hold time to RAS
28
–
35
–
45
–
ns
Std Symbol Parameter
-35
-45
-60
Unit
Notes
Min
Max
Min
Max
Min
Max
tRWC
Read-write cycle time
105
–
115
–
120
–
ns
tRWD
RAS to WE delay time
54
–
58
–
60
–
ns
11
tCWD
CAS to WE delay time
28
–
30
–
30
–
ns
11
tAWD
Column address to WE delay time
35
–
38
–
40
–
ns
11
tRSH(W)
CAS to RAS hold time (write)
10
–
10
–
12
–
ns
tCAS(W)
CAS pulse width (write)
15
–
15
–
15
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com