Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC256K16EO Datasheet(PDF) 22 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 22 Page - Alliance Semiconductor Corporation

Back Button AS4LC256K16EO Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 25Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 22 of 25
CAS-before-RAS self refresh cycle
Typical DC and AC characteristics
tRP
tRASS
tRPC
tCP
tCHS
tCEZ
RAS
UCAS,
DQ
LCAS
tRPS
tCSR
tRPC
Supply voltage (V)
2.7
3.6
3.9
3.3
3.0
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tRAC
Ambient temperature (°C)
–55
80
125
35
–10
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tRAC
Load capacitance (pF)
50
200
250
150
100
30
40
60
70
50
80
90
100
Typical access time tRAC
vs. ambient temperature Ta
vs. load capacitance CL
vs. supply voltage VCC
Ta = 25°C
Supply voltage (V)
2.7
3.6
3.9
3.3
3.0
0.0
10
30
40
20
50
60
70
Typical supply current ICC
Ambient temperature (°C)
–55
80
125
35
–10
0.0
10
30
40
20
50
60
70
Typical supply current ICC
Cycle rate (MHz)
28
10
6
4
0.0
5
15
20
10
25
30
35
Typical power-on current IPO
vs. ambient temperature Ta
vs. cycle rate 1/tRC
vs. supply voltage VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com