Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI11HD-R Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # ENI11HD-R
Description  Heavy-duty incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI11HD-R Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  ENI11HD-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Vibration resistance
DIN EN 60068-2-6, 20 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 80 °C (-40 ... 176 °F) fixed cable
Storage temperature
-40 ... 80 °C (-40 ... 176 °F)
Mechanical specifications
Material
Housing
3.2315 aluminum
Flange
3.2315 aluminum
Shaft
Stainless steel 1.4305 / AISI 303
Mass
approx. 2200 g
Rotational speed
max. 3000 min -1
Starting torque
≤ 20 Ncm
Shaft insulation
max. 2.5 kV (for dielectric strength version)
Shaft load
Axial
≤ 300 N
Radial
≤ 400 N
Angle offset
1 °
Axial offset
max. 1 mm
Accessories
9416
Female connector
9416L
Female connector
ACC-ROD-ENI11HD-070
swivel arm, 70 mm
ACC-ROD-ENI11HD-120
Touchscreen, hardened resistive w/antiglare glass
ACC-ROD-ENI11HD-120
swivel arm, 120 mm
ACC-SET-ENI11HD-
DISMOUNTING
Dismounting set for ENI11HD rotary encoder
ACC-SET-ENI11HD-
EARTH
Grounding kit for ENI11HD rotary encoder
ACC-SET-ENI11HD-
GASKET
Gasket set for cable ducts
ACC-SET-ENI11HD-RT1
Mountiong accessories for cone shaft
ACC-SET-ENI11HD-R16
Mounting accessories for recessed hollow shaft 16 mm
ACC-SET-ENI11HD-R20
Mounting accessories for recessed hollow shaft 20 mm
ACC-TOR-ENI11HD-070
Class I / Division 2 &Zone 2
Heavy-duty incremental encoder
ENI11HD-R
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com