Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI11HD-R Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # ENI11HD-R
Description  Heavy-duty incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI11HD-R Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  ENI11HD-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ENI11HD-R
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Heavy-duty incremental encoder
E N I 1 1 H D - R
- xxxx
- T
Connection type
Junction box with ...
C1 Cable, 1 m
C2 Cable, 2 m
C5 Cable, 5 m
CA Cable, 10 m
AA M23 device plug, cw
AB M23 device plug, ccw
TC Cable duct
Connection alignment
T Tangential
Interface, electric
PP5 Push-pull, 6-wire, increased EMC
RS4 RS422, UB = 5 V, increased EMC
RS6 RS422, UB = 10 ... 30 V, increased EMC
Pulses/pulse counts per revolution
xxxx
xxxx = 0100, 0360, 0500, 0512, 0600, 1000, 1024, 1250, 2048,
2500
(more on request)
Degree of protection
E IP66/IP67
9
IP69K
Flange
NA Support plate 70 mm, straight
NB Support plate 120 mm, straight
NC Support plate 120 mm, right angle
T1 Support plate 70 mm, straight, with articulated arm 70 mm
T2 Support plate 120 mm, straight, with articulated arm 70 mm
T3 Support plate 120 mm, right angle, with articulated arm 70 mm
V1 Support plate 70 mm, straight, with articulated arm 120 mm
V2 Support plate 120 mm, straight, with articulated arm 120 mm
V3 Support plate 120 mm, right angle, with articulated arm 120 mm
Shaft diameter
16 16 mm
20 20 mm
T1 17 mm cone
R1 16 mm, dielectrically strong
R3 20 mm, dielectrically strong
R2 17 mm cone, dielectrically strong
Shaft type
R Recessed hollow shaft
Version
HD Heavy duty
Size
11 Housing diameter: 110 mm
Device type
ENI Incremental rotary encoder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com