Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI11HD-R Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # ENI11HD-R
Description  Heavy-duty incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI11HD-R Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  ENI11HD-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
22.5
°
22.5°
22.5°
22.5°
4
x
90
°
63
95.5
96
80.5
20
1:10
97
12 x M6, 16
12 x M6, 12
Cone shaft
Technical Data
General specifications
Detection type
photoelectric sampling
Pulse count
max. 2500
Functional safety related parameters
MTTFd
140 a
Mission Time (TM)
20 a
L10
50 E+9 at 1750 rpm
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage
UB
10 ... 30 V DC or 5 V DC ± 5 % (see "Output circuit" in the ordering information)
No-load supply current
I0
max. 70 mA
Output
Output type
push-pull, incremental or RS 422, incremental
(see "Output circuit" in the ordering information)
Voltage drop
Ud
< 2.5 V (push-pull, incremental)
Load current
max. per channel 40 mA , short-circuit protected, reverse polarity protected (push-pull,
incremental)
max. per channel 20 mA , short-circuit protected, reverse polarity protected (RS 422,
incremental)
Output frequency
max. 200 kHz
Rise time
600 ns
De-energized delay
toff
600 ns
Connection
Connector
M23 connector, 12-pin , clockwise rotation
M23 connector, 12-pin , counter clockwise rotation
Cable
∅7,5 mm, 6 x 2 x 0,14 mm2
Terminal compartment
Cable duct for cable diameter ∅4 mm ... 13 mm
Standard conformity
Degree of protection
DIN EN 60529, IP66, IP67 or IP69K
Climatic testing
DIN EN 60068-2-78 , no moisture condensation
Emitted interference
EN 61000-6-4:2007/A1:2011
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 200 g, 6 ms
Heavy-duty incremental encoder
ENI11HD-R
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com