Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI11HD-R Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ENI11HD-R
Description  Heavy-duty incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI11HD-R Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ENI11HD-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Heavy-duty incremental encoder
ENI11HD-R
< Up to 2500 ppr
< Highly shock and vibration resistant
< Recessed hollow shaft
< Degree of protection IP66 / IP67 / IP69K
< Optional: Electrically insulated shaft for a dielectric strength up to
2.5 kV
< Variable connection by means of rotating terminal box with plug-in
terminals
< High bearing loads
Function
When conditions are tough, the ENI11HD heavy-duty rotary encoders provide reliable speed feedback for large asynchronous motors.
Heat, cold, dirt, permanent vibration, strong shocks, and electromagnetic interference pose no problem for these heavy duty encoders. The
optional electrically insulated shaft guarantees a dielectric strength of up to 2.5 kV. This option prevents damage to the ball bearing due to current
flashovers caused by shaft currents.
ENI11HD rotary encoders combine a long service life with a high level of reliability. The cover on the junction box, which can be rotated 4 x 90°,
provides greater flexibility when installing and maintaining the device while also helping to save costs.
Dimensions
22.5
°
12 x M6, 16
22.5°
22.5°
22.5°
4
x
90
°
63
95.5
≥ 60
96
80.5
97
12 x M6, 12
Recessed hollow shaft
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - ENI11HD-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ENI11HD-H PF-ENI11HD-H Datasheet
992Kb / 6P
Heavy-duty incremental encoder
More results

Similar Description - ENI11HD-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
Medium Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Pepperl+Fuchs Inc.
ENI11HD-H PF-ENI11HD-H Datasheet
992Kb / 6P
Heavy-duty incremental encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com