Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI11HD-R Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # ENI11HD-R
Description  Heavy-duty incremental encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI11HD-R Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  ENI11HD-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI11HD-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ENI11HD-R
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Heavy-duty incremental encoder
Signal outputs
Connection
Signal
Cable
Connector 9416,
M23, 12-pin
Connector 9416L,
M23, 12-pin
Terminals
GND
White
10
10
0V
Ub
Brown
12
12
UB
A
Green
5
5
A
BGrey
8
8
B
A\
Yellow
6
6
A\
B\
Pink
1
1
B\
ZBlue
3
3
Z
Z\
Red
4
4
Z\
Shielding
Shield
Housing
Housing
NC
-
2, 7, 9, 11
2, 7, 9, 11
Operation
i
Type Code
12 11
98 10 7
3
12 6
4
5
87 11
91 12 2
6
10 3
5
4
A0V
UB
A
ZZ
BB
cw - with view from the drive side
A
A
B
B
Z
Z
90° ± 10 %
25 % ± 10 %
50 % ± 10 %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com