Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI58IL-R Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # ENI58IL-R
Description  Incremental rotary encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI58IL-R Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  ENI58IL-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 6Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ø 3.2
ø 4
X H7
X H7
ø 63
∼ 72
7
32.5
56
61
X H7
30.5
38.5
44.5
DA
BA
JA
DA / BA / JA
2.5
2.5
2.5
Spring plates
Spring plate
mountable
in 60° steps
Spring plate
mountabble
in 60° steps
for more accurate measuring tasks
for standard application
for confined installation space
Technical Data
General specifications
Detection type
photoelectric sampling
Linearity error
± 0.025 °
Pulse count
max. 5000
UL File Number
E223176 "For use in NFPA 79 Applications only" , if UL marking is marked on the
product.
Functional safety related parameters
MTTFd
140 a
Mission Time (TM)
20 a
L10
15 E+9 at 6000 rpm
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage
UB
4.75 ... 30 V DC
No-load supply current
I0
max. 50 mA
Output
Output type
push-pull or RS422 (universal output driver, output level depending on input voltage)
Load current
max. per channel 40 mA , short-circuit protected, reverse polarity protected
Output frequency
max. 400 kHz
Rise time
300 ns
Phase position A to B
Pulse counts < 3600
90 ° ± 9 ° electrical
Pulse counts ≥ 3600
90 ° ± 15 ° electrical
Duty cycle
1/2 ± 10 %
Connection
Incremental rotary encoder
ENI58IL-R
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com