Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI58IL-R Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ENI58IL-R
Description  Incremental rotary encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI58IL-R Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ENI58IL-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 6Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Incremental rotary encoder
ENI58IL-R
< Housing ∅ 58 mm
< Recessed hollow shaft
< Up to 5000 ppr
< Universal output driver
< BlueBeam technology for ultimate precision
Function
The ENI58IL impresses with its modular design, which is available over all mechanical and electrical interfaces. The ENI58IL is the best solution
for all common applications, coupled with its high robustness, high reliability and versatility. With the high-precision BlueBeam technology and
innovative housing design, the ENI58IL is the new market standard for incremental encoders.
Dimensions
49.5
13
36
ø 48
X H7
ø 3/8“
ø 9.525
ø 1/2“
ø 12.7
ø 1/4“
ø 6.35
ø 15
ø 15
ø 14
ø 14
ø 12
ø 12
ø 10
ø 10
ø 8
ø 8
ø 6
ø 6
X [mm]
M3 (6x)
Recessed hollow shaft with cable and connector M12, M23 (radial, axial) and MIL connector (axial)
Recessed
hollow shaft
Max. insertion depth = 23
Min. insertion depth = 15
16
16
19.7
21
22.5
19.7
Cable
Connector M12
Connector M23
Connections
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - ENI58IL-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
Incremental rotary encoder
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
Incremental rotary encoder
More results

Similar Description - ENI58IL-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
20-2952 PF-20-2952 Datasheet
179Kb / 3P
Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
Incremental rotary encoder
MNI40N-0T01DY41N-01000 PF-MNI40N-0T01DY41N-01000 Datasheet
724Kb / 4P
Incremental rotary encoder
RSI58O-02YAAR61T-01024 PF-RSI58O-02YAAR61T-01024 Datasheet
223Kb / 3P
Incremental rotary encoder
THI40P-1CAK2R6TN-01024 PF-THI40P-1CAK2R6TN-01024 Datasheet
230Kb / 3P
Incremental rotary encoder
TVI58N-01NKYR6TN-01000 PF-TVI58N-01NKYR6TN-01000 Datasheet
275Kb / 4P
Incremental rotary encoder
MNI20N PF-MNI20N Datasheet
680Kb / 5P
Incremental rotary encoder
MNI40N PF-MNI40N Datasheet
748Kb / 5P
Incremental rotary encoder
TSI40N PF-TSI40N Datasheet
278Kb / 3P
Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
Incremental rotary encoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com