Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI58IL-R Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # ENI58IL-R
Description  Incremental rotary encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI58IL-R Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  ENI58IL-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 6Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical Data
Connector
M12 connector, 8-pin
M12 connector, 5 pin
M23 connector, 12-pin
10-pin MIL connector
7-pin MIL connector
Cable
∅6 mm, 4 x 2 x 0.14 mm2
Fixed cable with M12 plug. 5-pin
Fixed cable with M12 plug. 8-pin
Standard conformity
Degree of protection
DIN EN 60529, IP65, IP67
Climatic testing
DIN EN 60068-2-78 , no moisture condensation
Emitted interference
EN 61000-6-4:2007/A1:2011
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 300 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 30 g, 10 ... 2000 Hz
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source, Type 1 enclosure , if UL
marking is marked on the product.
adapters providing field wiring on request
Maximum permissible ambient temperature
max. 80 °C (max. 176 °F)
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F) , fixed cable
-5 ... 85 °C (23 ... 185 °F) , movable cable
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
Housing
3.2315 aluminum (AlMgSi1, saltwater-proof)
Flange
3.2315 aluminum (AlMgSi1, saltwater-proof)
Shaft
Recessed hollow shaft Stainless steel
Mass
< 300 g without cable
Rotational speed
max. 8000 min -1 for IP65 , max. 6000 min -1 for IP67
Moment of inertia
≤ 60 gcm2
Starting torque
≤ 1.5 Ncm for IP65 , ≤ 2.5 Ncm for IP67
Shaft load
Angle offset
max. 1 °
Axial offset
max. 1 mm
Accessories
9416
Female connector
9416L
Female connector
V19-G-10M-PVC-TP
Female cordset, M12, 8-pin, shielded, PVC cable
V19-G-2M-PVC-TP
Female cordset, M12, 8-pin, shielded, PVC cable
V19-G-5M-PVC-TP
Female cordset, M12, 8-pin, shielded, PVC cable
V19-G-BK2M-PUR-U
Female cordset, M12, 8-pin, PUR-cable
Incremental rotary encoder
ENI58IL-R
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com