Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI58IL-R Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # ENI58IL-R
Description  Incremental rotary encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI58IL-R Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  ENI58IL-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 6Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ENI58IL-R
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Incremental rotary encoder
Signal outputs
Connection
Signal
Cable
Connector M23,
12-pin,
clockwise/counter
clockwise
Connector
MIL7,
7-pin
Connector
MIL10,
10-pin
Connector
M12 x 1,
8-pin
Connector
M12 x 1,
5-pin
GND
White
10
F
F
1
3
Ub
Brown
12
D
D
2
1
A
Green
5
A
A
3
2
BGrey
8
B
B
5
4
A
Yellow
6
-
H
4
-
B
Pink
1
-
I
6
-
ZBlue
3
C
C
7
5
Z
Red
4
-
J
8
-
NC
Violet
2
E
E
-
-
NC
Grey/Pink
7
-
-
-
-
NC
-
9
-
-
-
-
NC
Black
11
-
-
-
-
Shielding
Shield
Housing
G
G
Housing
Housing
Note:
Unused cores must
be insulated
individually before
commisioning in
order to avoid
interference..
Operation
Type Code
12 11
98 10 7
3
12 6
4
5
87 11
91 12 2
6
10 3
5
4
AB
C
FE
D
G
AB
C
HG
F
E
D
J
I
1
4
6
7
8
5
3
2
1
3
4
5
2
B
A
B
Z
A
Z
90°
360°
*
cw - with view onto
the shaft
phase relationsships
electrical
* 1 Measuring step is
90° electrical



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com