Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENI58IL-R Datasheet(PDF) 7 Page - Pepperl+Fuchs Inc.

Part # ENI58IL-R
Description  Incremental rotary encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ENI58IL-R Datasheet(HTML) 7 Page - Pepperl+Fuchs Inc.

  ENI58IL-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 6Page - Pepperl+Fuchs Inc. ENI58IL-R Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ENI58IL-R
7
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Incremental rotary encoder
EN I 5 8 I L - R
-
-
Connection type
B2
Fixed cable with M12 plug,
8-pin, 1 m
B4
Fixed cable with M12 plug,
5-pin, 1 m
C1
Cable, 1 m
C2
Cable, 2 m
C5
Cable, 5 m
CA
Cable, 10 m
AA
M23 device plug,
clockwise (type 9416)
AB
M23 device plug,
counterclockwise
(type 9416L)
BE
M12 device plug,
8-pin (type V19)
BD
M12 device plug, 5-pin
(type V15)
MA
MIL7 connector
(Typ 9415)
MB
MIL10 connector
(Typ 9419)
Connection alignment
Aaxial
Rradial
Electrical interface
UD1 Universal output driver, UB 5 V ... 30 V
UD2 RS422, UB 5 V ... 30 V
Pulse count
0100, 0120, 0125, 0200, 0256, 0360, 0500, 1000, 1024, 1250, 1500,
1800, 2000, 2048, 2500, 3600, 4000, 4096, 5000
Degree of protection
5IP65
7IP67
Flange
BA
Spring plate, single long
JA
Spring plate, single short
DA
Dual spring plate
Shaft diameter
08 8 mm
10 10 mm
12 12 mm
14 14 mm
15 15 mm
U2 1/4 inch
U3 3/8 inch
U4 1/2 inch
Shaft type
R Recessed hollow shaft
Version
IL Industrial Line
Size
58 Housing diameter 58 mm
Device type
ENI Incremental rotary encoder
Note: Preferred options are in bold letters.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com