Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 21Page - NXP Semiconductors FXLS8974CF Datasheet HTML 22Page - NXP Semiconductors FXLS8974CF Datasheet HTML 23Page - NXP Semiconductors FXLS8974CF Datasheet HTML 24Page - NXP Semiconductors FXLS8974CF Datasheet HTML 25Page - NXP Semiconductors FXLS8974CF Datasheet HTML 26Page - NXP Semiconductors FXLS8974CF Datasheet HTML 27Page - NXP Semiconductors FXLS8974CF Datasheet HTML 28Page - NXP Semiconductors FXLS8974CF Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Protocol phase
Description
1
VDD supply is not present (VDD < VDDmin); MCU and FXLS8974CF are both OFF; all IO pins
are floating/high-z.
2
VDD ≥ VDDmin; MCU and FXLS8974CF are turned on; FXLS8974CF performs the BOOT
sequence. During this phase, the MOT_DET input and BOOT_OUT open-drain output
functions are enabled. FXLS8974CF turns on the BOOT_OUT output for TPULSE-BOOT2 ms.
Note: The BOOT_OUT pulse is not observable in the wired-AND configuration as it is
assumed the host MCU has not yet enabled the pull-up resistor on the MOT_DET and
BOOT_OUT pins (one pull-up resistor for both pins).
3
If the MCU has not yet asserted the MOT_DET pin, FXLS8974CF enters Hibernate mode
directly after the BOOT sequence. During this phase, FXLS8974CF MOT_DET pin input
function remains enabled, waiting for the MOT_DET pin to go high, which triggers an exit from
this mode.
4
The MCU asserts the MOT_DET pin high by enabling the pull-up; FXLS8974CF exits
Hibernate mode and performs the BOOT sequence. Anytime within TPULSE-WIN ms after the
BOOT_OUT pulse rising edge (measured from the VOL point), the host MCU may pulse the
MOT_DET line low to signal the desired motion detection threshold selection. If no pulse is
seen within this window, the default TPULSE-THRES0 threshold value is used. The available pulse
selections are shown in Table 18. The pulse is only recognized if it begins and ends within the
TPULSE-WIN ms period after the BOOT_OUT pulse rising edge, and also conforms to the min
and max values as shown in Table 18. If an invalid pulse width is observed, it is ignored and
the default threshold value used instead.
5
Motion detection phase: FXLS8974CF continually scans for motion at the preconfigured ODR.
If the motion threshold and debounce criteria are met, a TPULSE-MOT ms pulse is signaled on
the MOT_DET pin (Open-Drain output is turned on). During this phase, the host may also
communicate with FXLS8974CF over the I2C or SPI interfaces.
6
Hibernate mode: When motion detection is no longer needed, the host MCU drives MOT_DET
low forcing FXLS8974CF into Hibernate mode to conserve power. FXLS8974CF delays the
entry into Hibernate mode for TMOT-HIB ms after the MOT_DET pin is brought low to debounce
the line.
Table 17. BOOT2 sequence and One-wire motion protocol phase descriptions
Selection
Min pulse (µs)
Nom pulse (µs)
Max pulse (µs)
Upper threshold
counts (mg)[1]
Lower threshold
counts (mg)[1]
TPULSE-THRES0
(default)
—
0
—
64 (125)
–64 (–125)
TPULSE-THRES1
562.5
625
883
32 (62)
–32 (–62)
TPULSE-THRES2
1125
1250
1570
96 (187)
–96 (–187)
TPULSE-THRES3
2250
2500
2950
128 (250)
–128 (–250)
Table 18. One-wire motion protocol threshold selections
[1]
Threshold mg values assume the default ±4 g FSR is used (sensitivity of 1.95 mg/LSB, typical)
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
25 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com