Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 27Page - NXP Semiconductors FXLS8974CF Datasheet HTML 28Page - NXP Semiconductors FXLS8974CF Datasheet HTML 29Page - NXP Semiconductors FXLS8974CF Datasheet HTML 30Page - NXP Semiconductors FXLS8974CF Datasheet HTML 31Page - NXP Semiconductors FXLS8974CF Datasheet HTML 32Page - NXP Semiconductors FXLS8974CF Datasheet HTML 33Page - NXP Semiconductors FXLS8974CF Datasheet HTML 34Page - NXP Semiconductors FXLS8974CF Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
5
SRC_BUF
Output data buffer status event flag
0: No output buffer event status flags are active
1: One or more output buffer status event flags are active (BUF_WMRK | BUF_OVF |
BUF_GATE_ERR); reading the
BUF_STATUS register provides more information on the BUF_WMRK
or BUF_OVF event flags that are currently active. Reading the
SYS_MODE register provides
information on the BUF_GATE_ERR flag status.
Notes:
• The SRC_BUF flag is only active when BUF_CONFIG1[BUF_MODE[1:0]] > 00b.
• The BUF_WMRK event flag will not participate in SRC_BUF interrupt generation in triggered mode
(the BUF_WMRK flag is asserted after the buffer is triggered, but it will not signal an external
interrupt as with the other buffer operating modes). If it is required to know when the trigger event
has taken place, the host may use the SDCD or ORIENT interrupts, as appropriate, to indicate
when the buffer is triggered. When the buffer is full, the SRC_BUF flag is set and an external
interrupt is signaled on the INT1 or INT2 pins, if configured.
4
SRC_SDCD_OT
SDCD outside of thresholds condition event flag (copy of
SDCD_INT_SRC1[OT_EA] flag)
0: SDCD outside of thresholds event is not detected (
SDCD_INT_SRC1[OT_EA] = 0).
1: SDCD outside of thresholds event is detected (
SDCD_INT_SRC1[OT_EA] = 1). The
SRC_SDCD_OT event flag is cleared by reading the
SDCD_INT_SRC1 register when SDCD_
CONFIG1[OT_ELE] = 1, otherwise this flag is cleared automatically by the function when the event
condition becomes false.
3
SRC_SDCD_WT
SDCD within thresholds condition event flag (copy of
SDCD_INT_SRC2[WT_EA] flag)
0: No SDCD within thresholds event has been detected (
SDCD_INT_SRC2[WT_EA] = 0).
1: An SDCD within thresholds event has been detected (
SDCD_INT_SRC2[WT_EA] = 1). The
SRC_SDCD_WT event flag is cleared by reading the
SDCD_INT_SRC2 register when SDCD_
CONFIG1[WT_ELE] = 1, otherwise the function clears this flag automatically when the event
condition becomes false.
2
SRC_ORIENT
Orientation change event flag
The SRC_ORIENT flag is asserted whenever the
ORIENT_STATUS[NEW_ORIENT] bit is asserted
and a change in orientation has been detected.
Reading the
ORIENT_STATUS register clears this event flag.
0: An orientation change event has not occurred
1: An orientation change event has occurred.
Table 22. INT_STATUS register (address 00h) bit description...continued
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
31 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com