Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 52Page - NXP Semiconductors FXLS8974CF Datasheet HTML 53Page - NXP Semiconductors FXLS8974CF Datasheet HTML 54Page - NXP Semiconductors FXLS8974CF Datasheet HTML 55Page - NXP Semiconductors FXLS8974CF Datasheet HTML 56Page - NXP Semiconductors FXLS8974CF Datasheet HTML 57Page - NXP Semiconductors FXLS8974CF Datasheet HTML 58Page - NXP Semiconductors FXLS8974CF Datasheet HTML 59Page - NXP Semiconductors FXLS8974CF Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
• The INT2/BOOT_OUT pin only signals the boot process complete interrupt, signaled
by a TPULSE-BOOT2 ms active low pulse (open-drain with external pull-up). Any other
interrupt sources mapped to the INT2/BOOT_OUT pin are ignored.
Bit
7
6
5
4
3
2
1
0
Name
DRDY_EN BUF_EN
SDCD_
OT_EN
SDCD_
WT_EN
ORIENT_
EN
ASLP_EN BOOT_
DIS
WAKE_
OUT_EN
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
1
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 71. INT_EN register (address 20h) bit allocation
Field
Description
7
DRDY_EN
Data-ready interrupt output enable
0 (default): Interrupt is disabled.
1: Interrupt is enabled and signaled on either the INT1 or INT2 output pins as configured by the
setting made in INT_PIN_SEL.
Note: When BT_MODE = GND, SRC_DRDY bit and the signaled interrupt are cleared whenever one
or more of the VECM, and OUT_X/Y/Z registers are read. When BT_MODE = VDD, SRC_DRDY bit
is cleared whenever one or more of the VECM, and OUT_X/Y/Z registers are read. However the data
ready interrupt is signaled for TPULSE-MOT s (5 ms typ) and it clears itself automatically. The current
data ready interrupt pulse is terminated when the device transitions into STANDBY mode before its
completion and therefore may not span for entire TPULSE-MOTs.
6
BUF_EN
Output data buffer interrupt output enable
0 Interrupt is not routed to the INTx output pins (default)
1: Interrupt is routed to either the INT1 or INT2 output pins as configured by the setting made in
INT_
PIN_SEL.
5
SDCD_OT_EN
SDCD outside of thresholds interrupt output enable
0 (default): Interrupt is disabled.
1: Interrupt is routed to either the INT1 or INT2 output pin as configured by the setting made in INT_
PIN_SEL.
4
SDCD_WT_EN
SDCD within thresholds interrupt output enable
0 (default): Interrupt is disabled.
1: Interrupt is routed to either the INT1 or INT2 output pins as configured by the setting made in INT_
PIN_SEL.
3
ORIENT_EN
Orientation interrupt output enable
0 (default): Interrupt is disabled.
1: Interrupt is enabled and signaled on either the INT1 or INT2 output pins as determined by the
setting made in INT_PIN_SEL.
2
ASLP_EN
Auto-WAKE/SLEEP interrupt output enable
0 (default): Interrupt is disabled.
1: Interrupt is enabled and signaled on either the INT1 or INT2 output pins as determined by the
setting made in INT_PIN_SEL.
Table 72. INT_EN register (address 20h) bit description
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
56 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com