Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 22Page - NXP Semiconductors FXLS8974CF Datasheet HTML 23Page - NXP Semiconductors FXLS8974CF Datasheet HTML 24Page - NXP Semiconductors FXLS8974CF Datasheet HTML 25Page - NXP Semiconductors FXLS8974CF Datasheet HTML 26Page - NXP Semiconductors FXLS8974CF Datasheet HTML 27Page - NXP Semiconductors FXLS8974CF Datasheet HTML 28Page - NXP Semiconductors FXLS8974CF Datasheet HTML 29Page - NXP Semiconductors FXLS8974CF Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
2
1
Operating mode
VDD min
VDD pin level
3
4
5
6
7
BOOT
TBOOT1
TBOOT1
Edge triggered wakeup on SPI_CS_B/WAKE_UP line
aaa-040848
TPULSE - BOOT1
INT/MOT_DET
BOOT
OFF
STANDBY
Hibernate
STANDBY
SENS_CONFIG1
[ACTIVE] = 1
SENS_CONFIG5
[HIBERNATE_EN] = 1
SPI serial
command
SPI_CS_B
/WAKE_UP
ACTIVE (WAKE)
TPULSE - BOOT1
Figure 16. BOOT1 sequence (BT_MODE = GND)
Protocol
phase
Description
1
VDD supply is not present (VDD < VDDmin); MCU and FXLS8974CF are both off; all IO pins are floating/high-z.
2
VDD ≥ VDDmin; MCU and FXLS8974CF are turned on; FXLS8974CF performs the BOOT sequence and
provides the BOOT_OUT output pulse for TPULSE-BOOT1 ms.
3
FXLS8974CF enters standby mode directly after the BOOT sequence.
4
When the MCU sends a serial command to set
SENS_CONFIG5[HIBERNATE_EN] bit to 1, FXLS8974CF
enters Hibernate mode. NOTE: The device enters into Hibernate mode 1us (typ) after the SPI_CS_B line is
de-asserted for the corresponding HIBERNATE_EN serial command.
5
To wake up the device from Hibernate mode, the MCU toggles the SPI_CS_B/WAKE UP pin (see TFLT-
WAKE_UP deglitch filter time for transition out of Hibernate mode); FXLS8974CF performs the BOOT sequence
and provides the BOOT_OUT output pulse for TPULSE-BOOT1 ms.
6
FXLS8974CF enters standby mode directly after the BOOT sequence.
7
When the MCU sends a serial command to set
SENS_ CONFIG1[ACTIVE] bit to 1, FXLS8974CF enters
active mode.
Table 19. BOOT1 sequence description (BT_MODE = GND)
15 Register descriptions
Auto-increment Address
Name
Type
Register
Address
F_READ = 0
F_READ = 1
Default
Values
BT_MODE =
GND/[VDD]
Comment
INT_STATUS [1] [2]
R
00h
01h/02h/04h/06h/
08h/0Ch/0Eh/10h
01h
Interrupt and system status event flags.
TEMP_OUT [1]
R
01h
02h/04h/06h/08h/ 0Ch/0Eh/10h
—
Temperature output data – temp_out[7:0]. When
SENS_CONFIG2[AINC_TEMP] = 0 the auto-
increment mechanism skips this register.
VECM_LSB [1] [3]
R
02h
03h
04h/06h/08h/
0Ch/0Eh/10h
—
12-bit unsigned vector magnitude LSB/MSB:
VECM[7:0] (LSB) when
SENS_CONFIG2[LE_BE]
= 0, and VECM[11:4] (MSB) when
SENS_
CONFIG2[LE_BE] = 1. This register is skipped over
by the auto-increment mechanism when
SENS_
CONFIG5[VECM_EN] = 0.
Table 20. Register address map
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
26 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com