Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 95 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 88Page - NXP Semiconductors FXLS8974CF Datasheet HTML 89Page - NXP Semiconductors FXLS8974CF Datasheet HTML 90Page - NXP Semiconductors FXLS8974CF Datasheet HTML 91Page - NXP Semiconductors FXLS8974CF Datasheet HTML 92Page - NXP Semiconductors FXLS8974CF Datasheet HTML 93Page - NXP Semiconductors FXLS8974CF Datasheet HTML 94Page - NXP Semiconductors FXLS8974CF Datasheet HTML 95Page - NXP Semiconductors FXLS8974CF Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Applications .........................................................2
3.1
Industrial IOT ..................................................... 2
3.2
Medical ...............................................................2
3.3
Consumer devices .............................................2
4
Ordering information .......................................... 2
4.1
Ordering options ................................................ 2
5
Block diagram ..................................................... 3
6
Pinning information ............................................ 4
6.1
Pinning ...............................................................4
6.2
Pinning description ............................................ 4
6.3
Orientation ......................................................... 6
7
Limiting values ....................................................6
8
Recommended operating conditions ................ 7
9
Mechanical characteristics ................................ 7
10
Electrical characteristics ....................................9
11
Temperature sensor characteristics ................11
12
I2C digital interface ...........................................11
12.1
I2C interface characteristics ............................ 12
12.1.1
General I2C operation ..................................... 13
12.1.2
I2C read/write operations ................................ 14
12.1.2.1 Single-byte read .............................................. 14
12.1.2.2 Multiple-byte read ............................................ 14
12.1.2.3 Single-byte write .............................................. 14
12.1.2.4 Multiple-byte write ............................................14
12.1.2.5 I2C data sequence diagrams ...........................15
13
SPI interface ...................................................... 15
13.1
General SPI operation .....................................15
13.2
SPI write operations with 3- or 4-wire mode .... 16
13.3
SPI read operations with 4-wire mode .............16
13.4
SPI read operations with 3-wire mode .............17
13.5
SPI timing specifications (4-wire mode and
3-wire hardwired modes) ................................. 18
13.6
SPI timing specifications (software enabled
3-wire mode) ....................................................19
14
Operating modes ...............................................20
15
Register descriptions ....................................... 26
15.1
INT_STATUS register (address 00h) ............... 30
15.2
TEMP_OUT register (address 01h) ................. 33
15.3
VECM_LSB register (address 02h) ................. 33
15.4
VECM_MSB register (address 03h) ................ 33
15.5
OUT_X_LSB, OUT_X_MSB, OUT_Y_LSB,
OUT_Y_MSB, OUT_Z_LSB, OUT_Z_MSB
registers (addresses 04h to 09h) .....................34
15.6
BUF_STATUS register (address 0Bh) ..............36
15.7
BUF_X_LSB, BUF_X_MSB, BUF_Y_LSB,
BUF_Y_MSB, BUF_Z_LSB, BUF_Z_MSB
(addresses 0Ch to 11h) ................................... 38
15.8
PROD_REV register (address 12h) .................40
15.9
WHO_AM_I register (address 13h) ................. 41
15.10
SYS_MODE register (address 14h) .................41
15.11
SENS_CONFIG1 register (address 15h) ......... 42
15.12
SENS_CONFIG2 register (address 16h) ......... 44
15.13
SENS_CONFIG3 register (address 17h) ......... 45
15.14
SENS_CONFIG4 register (address 18h) ......... 48
15.15
SENS_CONFIG5 register (address 19h) ......... 51
15.16
WAKE_IDLE_LSB register (address 1Ah) ....... 52
15.17
WAKE_IDLE_MSB register (address 1Bh) ...... 52
15.18
SLEEP_IDLE_LSB register (address 1Ch) ......53
15.19
SLEEP_IDLE_MSB register (address 1Dh) ..... 53
15.20
ASLP_COUNT_LSB, ASLP_COUNT_MSB
registers (addresses 1Eh to 1Fh) .................... 53
15.21
INT_EN register (address 20h) ........................55
15.22
INT_PIN_SEL register (address 21h) .............. 57
15.23
OFF_X, OFF_Y, OFF_Z registers
(addresses 22h to 24h) ................................... 58
15.24
BUF_CONFIG1 register (address 26h) ............59
15.25
BUF_CONFIG2 register (address 27h) ............61
15.26
ORIENT_STATUS register (address 28h) ........62
15.27
ORIENT_CONFIG register (address 29h) ....... 63
15.28
ORIENT_DBCOUNT register (address
2Ah) ................................................................. 64
15.29
ORIENT_BF_ZCOMP register (address
2Bh) ................................................................. 64
15.30
ORIENT_THS register (address 2Ch) ............. 65
15.31
Sensor Data Change Detection (SDCD)
registers ........................................................... 67
15.31.1 SDCD_INT_SRC1 register (address 2Dh) .......68
15.31.2 SDCD_INT_SRC2 register (address 2Eh) .......69
15.31.3 SDCD_CONFIG1 register (address 2Fh) .........71
15.31.4 SDCD_CONFIG2 register (address 30h) .........72
15.31.5 SDCD_OT_DBCNT register (address 31h) ..... 74
15.31.6 SDCD_WT_DBCNT register (address 32h) .....74
15.31.7 SDCD_LTHS_LSB register (address 33h) ....... 75
15.31.8 SDCD_LTHS_MSB register (address 34h) ...... 75
15.31.9 SDCD_UTHS_LSB register (address 35h) ...... 76
15.31.10 SDCD_UTHS_MSB register (address 36h) ..... 76
15.32
SELF_TEST_CONFIG1 register (address
37h) ..................................................................77
15.33
SELF_TEST_CONFIG2 register (address
38h) ..................................................................77
16
Application information ....................................79
16.1
System connections .........................................79
16.2
Typical application circuits ............................... 79
16.3
Power supply considerations ...........................81
17
Package outline .................................................82
17.1
Package description ........................................ 83
17.2
Lead dimension detail ......................................86
18
Soldering information .......................................86
18.1
Printed circuit board layout and device
mounting .......................................................... 86
18.1.1
Overview of soldering considerations .............. 86
18.1.2
Halogen content .............................................. 86
19
Mounting information ....................................... 86
19.1
PCB mounting recommendations .................... 86
20
Glossary .............................................................88
21
References .........................................................89
22
Revision history ................................................ 89
23
Legal information ..............................................90
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
95 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com