Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA2ES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 16Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 17Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 18Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 19Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 20Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 21Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 22Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 23Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
20 / 125
• The TSD_FAIL is set to 1 when the device shuts down due to a thermal shutdown
The value of the FAIL bits is retained as long as VIN > UVDET.
The MCU can read the FAIL bits during the system-on states in order to obtain
information about the previous failure and can clear them by writing a 1 to them, provided
the state machine is able to power up successfully after such failure.
In the PF7100 ASIL B part numbers, when the state machine enters the fail-safe
transition, a fail-safe counter is compared and increased, if the FS_CNT[3:0] reaches the
maximum count, the device can be programmed to move directly to the fail-safe state to
prevent a cyclic failure from happening.
13.1.10 Fail-safe state (ASIL B only)
The fail-safe state works as a safety lock-down upon a critical device/system failure. It is
reached when the FS_CNT [3:0] = FS_MAX_CNT [3:0].
A bit is provided to enable or disable the device to enter the fail-safe state upon a cyclic
failure. When the OTP_FS_BYPASS = 1, the fail-safe bypass operation is enabled and
the device always move to the LP_Off state, regardless of the value of the FS_CNT[3:0].
If the OTP_FS_BYPASS = 0, the fail-safe bypass is disabled, and the device moves to
the fail-safe state when the proper condition is met.
The maximum number of times the device can pass through the fail-safe
transition continuously prior to moving to a fail state is programmed by the
OTP_FS_MAX_CNT[3:0] bits. If the FS_MAX_CNT[3:0] = 0x00, the device moves into
the fail-safe state as soon as it fails for the very first time.
If the FSOB pin is programmed to assert upon a specific fault, the FSOB pin remains
asserted low during the fail-safe state if the corresponding fault is present when the
PF7100 reaches the fail-safe state.
The device can exit the fail-safe state only after a power cycle (VIN crossing UVDET)
event is present.
To avoid reaching the fail-safe state due to isolated fail-safe transition events,
the FS_CNT [3:0] is gradually decreased based on a fail-safe OK timer. The
OTP_FS_OK_TIME[2:0] bits select the default time configuration for the fail-safe OK
timer between 1 to 60 min.
Table 12. Fail-safe OK timer configuration
OTP_FS_OK_TIME[2:0]
FS_CNT decrease period (min)
000
1
001
5
010
10
011
15
100
20
101
30
110
45
111
60
When the fail-safe OK timer reaches the configured time during the system-on states, the
state machine decreases the FS_CNT[3:0] bits by one and starts a new count until the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com