Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA2ES Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 9Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 10Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 11Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
8 / 125
12 General description
12.1 Features
The PF7100 is a power management integrated circuit (PMIC) designed to be the
primary power management building block for NXP high-end multimedia application
processors from the i.MX 8 series. It is also capable of providing power solution to the
high end i.MX 6 series as well as several non-NXP processors.
• Buck regulators
– SW1, SW2, SW3, SW4: 0.4 V to 1.8 V; 2500 mA; 2 % accuracy
– SW5; 1.0 V to 4.1 V; 2500 mA; 2 % accuracy
– Dynamic voltage scaling on SW1, SW2, SW3, SW4,
– SW1, SW2 configurable as a dual phase regulator
– SW3, SW4 configurable as a dual phase regulator
– SW1, SW2, and SW3 configurable as a triple phase regulator with up to 7.5 A current
capability
– SW1, SW2, SW3, and SW4 configurable as a quad phase regulator with up to 10 A
current capability
– VTT termination mode on SW3
– Programmable current limit
– Spread-spectrum and manual tuning of switching frequency
• LDO regulators
– LDO1, 0.8 V to 5.0 V, 400 mA: 3 % accuracy with optional load switch mode
– LDO2, 0.8 V to 5.0 V, 400 mA; 3 % accuracy with optional load switch mode and
selectable hardware/software control
• 2 RTC LDO supply
– VSNVS1, 1.8 V/3.0 V/3.3 V, 10 mA
– VSNVS2, 0.8 V/0.9 V/1.8 V, 10 mA
• System features
– Fast PMIC startup
– Advanced state machine for seamless processor interface
– High speed I2C interface support (up to 3.4 MHz)
– PGOOD monitor
– User programmable standby and off modes
– Programmable soft start sequence and power down sequence
– Programmable regulator configuration
– Analog multiplexer for smart system monitoring/diagnostic
• OTP (one-time programmable) memory for device configuration
• Monitoring circuit to fit ASIL B safety level
– Independent voltage monitoring with programmable fault protection
– Advance thermal monitoring and protection
– External watchdog monitoring and programmable internal watchdog counter
– I2C CRC and write protection mechanism
– Analog built-in self-test (ABIST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com