Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA2ES Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 79Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 80Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 81Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 83Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 84Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 85Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 86Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
83 / 125
• When the FSYNC_RANGE = 0, the input frequency range at SYNCIN pin should be
between 2000 kHz and 3000 kHz.
• When the FSYNC_RANGE = 1, the input frequency range at SYNCIN pin should be
between 333 kHz and 500 kHz.
The OTP_FSYNC_RANGE bit is used to select the default frequency range accepted in
the SYNCIN pin.
The external clock duty cycle at the SYNCIN pin should be between 40 % and 60 %. An
input frequency in the SYNCIN pin outside the range defined by the FSYNC_RANGE
bit is detected as invalid. If the external clock is not present or invalid, the device
automatically switches to the internal clock and sets the FSYNC_FLT_I interrupt, which in
turn asserts the INTB pin provided it is not masked.
The FSYNC_FLT_S bit is set to 1 as long as the input frequency is not preset or invalid,
and it is cleared to 0 when the SYNCIN has a valid input frequency.
The device switches back to the external switching frequency only when both, the
FSYNC_FLT_I interrupt has been cleared and the SYNCIN pin sees a valid frequency.
When the external clock is selected, the switching regulators should be set in PWM mode
to ensure clock synchronization at all time.
Upon an external clock failure, the MCU should verify the integrity of the external clock by
implementing a three-step diagnostic strategy.
1. MCU acknowledges and finds the source of the interrupt event.
2. The interrupt is generated by the FSYNC_FLT_I event, the MCU reads the
FSYNC_FLT_S bit to verify if the fault condition is persistent or not.
3. a. If FSYNC_FLT_S bit is 0, the fault condition can be considered as a transient
condition and the system is ready to switch over to the external clock by clearing
the FSYNC_FLT_I flag.
b. If the FSYNC_FLT_S bit is 1, the fault is considered a persistent fault and the MCU
must take corrective action to send the system to safe operation.
The system designer is responsible to define the tolerance time to allow the external
frequency to be lost before taking a corrective action such as stopping the system or
placing the system in safe state in safety-related applications.
The SYNCOUT pin is used to synchronize an external device to the PF7100.
The SYNCOUT pin outputs the main frequency used for the switching regulators in the
range of 2.0 MHz to 3.0 MHz. The SYNCOUT_EN bit can be used to enable or disable
the SYNCOUT feature via I2C during the system-on states.
• When SYNCOUT_EN = 0, the SYNCOUT feature is disabled and the pin is internally
pulled to ground.
• When SYNCOUT_EN = 1, the SYNCOUT pin toggles at the base frequency used by
the switching regulators.
The SYNCOUT function can be enabled or disabled by default by using the
OTP_SYNCOUT_EN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com