Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA2ES Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 91Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 92Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 93Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 94Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 95Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 96Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 97Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 98Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
95 / 125
The device ID register provides general information about the PMIC.
• DEVICE_FAM[3:0]: indicates the PF7100 family of devices
1000 (fixed)
• DEVICE_ID[3:0]: provides the device type identifier
0000 = PF7100 Auto QM
1000 = PF7100 Auto ASIL B
Registers 0x02 and 0x03 provide a customizable program ID registers to identify the
specific OTP configuration programmed in the part.
• EMREV (Address 0x02): contains the MSB bits PROG_ID[8:11]
• PROG_ID (Address 0x03): contains the LSB bit PROG_ID[7:0]
16.1 PF7100 ASIL B functional register map
RESET SIGNALS
R/W types
UVDET
Reset when VIN crosses UVDET threshold
R
Read only
OFF_OTP
Bits are loaded with OTP values (mirror register)
R/W
Read and Write
OFF_TOGGLE
Reset when device goes to OFF mode
RW1C
Read, Write a 1 to clear
SC
Self-clear after write
R/SW
Read/Secure Write
NO_VSNVS
Reset when BOS has no valid input
VIN < UVDET
R/TW
Read/Write on TBB only
AD
DR
Register Name
R/W
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
00
DEVICE ID
R
DEVICE_FAM[3:0]
DEVICE_ID[3:0]
01
REV ID
R
FULL_LAYER_REV[3:0]
METAL_LAYER_REV[3:0]
02
EMREV
R
PROG_IDH[11:8]
—
EMREV[2:0]
03
PROG ID
R
PROG_IDL[7:0]
04
INT STATUS1
RW1C
SDWN_I
FREQ_RDY_I
CRC_I
PWRUP_I
PWRDN_I
XINTB_I
FSOB_I
VIN_OVLO_I
05
INT MASK1
R/W
SDWN_M
FREQ_RDY_M
CRC_M
PWRUP_M
PWRDN_M
XINTB_M
FSOB_M
VIN_OVLO_M
06
INT SENSE1
R
—
—
—
—
—
XINTB_S
FSOB_S
VIN_OVLO_S
07
THERM INT
RW1C
WDI_I
FSYNC_FLT_I
THERM_155_I
THERM_140_I
THERM_125_I
THERM_110_I
THERM_95_I
THERM_80_I
08
THERM MASK
R/W
WDI_M
FSYNC_FLT_M
THERM_155_M
THERM_140_M
THERM_125_M
THERM_110_M
THERM_95_M
THERM_80_M
09
THERM SENSE
R
WDI_S
FSYNC_FLT_S
THERM_155_S
THERM_140_S
THERM_125_S
THERM_110_S
THERM_95_S
THERM_80_S
0A
SW MODE INT
RW1C
—
SW5_MODE_I
—
—
SW4_MODE_I
SW3_MODE_I
SW2_MODE_I
SW1_MODE_I
0B
SW MODE MASK
R/W
—
SW5_MODE_M
—
—
SW4_MODE_M
SW3_MODE_M
SW2_MODE_M
SW1_MODE_M
12
SW ILIM INT
RW1C
—
SW5_ILIM_I
—
—
SW4_ILIM_I
SW3_ILIM_I
SW2_ILIM_I
SW1_ILIM_I
13
SW ILIM MASK
R/W
—
SW5_ILIM_M
—
—
SW4_ILIM_M
SW3_ILIM_M
SW2_ILIM_M
SW1_ILIM_M
14
SW ILIM SENSE
R
—
SW5_ILIM_S
SW4_ILIM_S
SW3_ILIM_S
SW2_ILIM_S
SW1_ILIM_S
15
LDO ILIM INT
RW1C
—
—
—
—
—
—
LDO2_ILIM_I
LDO1_ILIM_I
16
LDO ILIM MASK
R/W
—
—
—
—
—
—
LDO2_ILIM_M
LDO1_ILIM_M
17
LDO ILIM SENSE
R
—
—
—
—
—
—
LDO2_ILIM_S
LDO1_ILIM_S
18
SW UV INT
RW1C
—
SW5_UV_I
—
—
SW4_UV_I
SW3_UV_I
SW2_UV_I
SW1_UV_I
19
SW UV MASK
R/W
—
SW5_UV_M
—
—
SW4_UV_M
SW3_UV_M
SW2_UV_M
SW1_UV_M
1A
SW UV SENSE
R
—
SW5_UV_S
—
—
SW4_UV_S
SW3_UV_S
SW2_UV_S
SW1_UV_S
1B
SW OV INT
RW1C
—
SW5_OV_I
—
—
SW4_OV_I
SW3_OV_I
SW2_OV_I
SW1_OV_I
1C
SW OV MASK
R/W
—
SW5_OV_M
—
—
SW4_OV_M
SW3_OV_M
SW2_OV_M
SW1_OV_M
1D
SW OV SENSE
R
—
SW5_OV_S
—
—
SW4_OV_S
SW3_OV_S
SW2_OV_S
SW1_OV_S
1E
LDO UV INT
RW1C
—
—
—
—
—
—
LDO2_UV_I
LDO1_UV_I
1F
LDO UV MASK
R/W
—
—
—
—
—
—
LDO2_UV_M
LDO1_UV_M
20
LDO UV SENSE
R
—
—
—
—
—
—
LDO2_UV_S
LDO1_UV_S
21
LDO OV INT
RW1C
—
—
—
—
—
—
LDO2_OV_I
LDO1_OV_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com