Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA2ES Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPF7100BVBA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 24Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 25Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 26Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 27Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 28Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 29Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 30Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 31Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
28 / 125
14.6 Power down
14.6.1 Turn off events
Turn off events may be requested by the MCU (non-PMIC fault related) or due to a
critical failure of the PMIC (hard fault condition).
The following are considered non-PMIC failure turn off events:
1. When OTP_PWRON_MODE = 0, the device starts a power down sequence when the
PWRON pin is pulled low.
2. When OTP_PWRON_MODE = 1, the device starts a power down sequence when
the PWRON pin sees a transition from high to low and remains low for longer than
TRESET.
3. When bit PMIC_OFF is set to 1, the device starts a 500 µs shutdown timer. When
the shutdown timer is started, the PF7100 sets the SDWN_I interrupt and asserts
the INTB pin provided it is not masked. At this point, the MCU can read the interrupt
and decide whether to continue with the turn off event or stop it in case it was sent by
mistake.
If the SDWN_I bit is cleared before the 500 µs shutdown timer is expired, the
shutdown request is canceled and the shutdown timer is reset; otherwise, if the
shutdown timer expires, the PF7100 starts a power down sequence.
The PMIC_OFF bit self-clears after SDWN_I flag is cleared.
4. When VIN_OVLO_EN = 1 and VIN_OVLO_SDWN = 1, and a VIN_OVLO event is
present.
Turn off events due to a hard fault condition:
1. If an OV, UV or ILIM condition is present long enough for the fault timer to expire.
2. In the event that an OV, UV or ILIM condition appears and clears cyclically, and the
FAULT_CNT[3:0] = FAULT_MAX_CNT[3:0].
3. If the watchdog fail counter is overflown, that is WD_EVENT_CNT = WD_MAX_CNT.
4. When Tj crosses the thermal shutdown threshold as the temperature rises.
When the PF7100 experiences a turn off event due to a hard fault condition, the device
passes through the fail-safe transition after regulators have been powered down.
14.6.2 Power down sequencing
During a power down sequence, output voltage regulators can be turned off in two
different modes as defined by the PWRDWN_MODE bit.
1. When PWRDWN_MODE = 0, the regulators power down in sequential mode.
2. When PWRDWN_MODE = 1, the regulators power down by groups.
During transition from run to standby, the power down sequencer is activated in the
corresponding mode. If any of the external regulators are turned off in the standby
configuration. If external regulators are not turned off during this transition, the power
down sequencer is bypassed and the transition happens at once (any associated DVS
transitions could still take time).
The PWRDN_I interrupt is set at the end of the transition from run to standby when the
last regulator has reached its final state, even if external regulators are not turned off
during this transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com