Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25245PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25245PVC
Description  Frequency-multiplying, Peak-reducing EMI Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25245PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25245PVC Datasheet HTML 1Page - Cypress Semiconductor CY25245PVC Datasheet HTML 2Page - Cypress Semiconductor CY25245PVC Datasheet HTML 3Page - Cypress Semiconductor CY25245PVC Datasheet HTML 4Page - Cypress Semiconductor CY25245PVC Datasheet HTML 5Page - Cypress Semiconductor CY25245PVC Datasheet HTML 6Page - Cypress Semiconductor CY25245PVC Datasheet HTML 7Page - Cypress Semiconductor CY25245PVC Datasheet HTML 8Page - Cypress Semiconductor CY25245PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY25245
Document #: 38-07124 Rev. *B
Page 5 of 11
Serial Data Interface
The CY25245 features a two-pin, serial data interface that can
be used to configure internal register settings that control
particular device functions. Upon power-up, the CY25245
initializes with default register settings, therefore the use of this
serial data interface is optional. The serial interface is
write-only (to the clock chip) and is the dedicated function of
device pins SDATA and SCLOCK. In motherboard applica-
tions, SDATA and SCLOCK are typically driven by two logic
outputs of the chipset. Clock device register changes are
normally made upon system initialization, if any are required.
The interface can also be used during system operation for
power management functions. Table 3 summarizes the control
functions of the serial data interface.
Operation
Data is written to the CY25245 in eleven bytes of eight bits
each. Bytes are written in the order shown in Table 4.
Writing Data Bytes
Each bit in Data Bytes 0–7 control a particular device function
except for the “reserved” bits which must be written as a logic
0. Bits are written MSB (most significant bit) first, which is bit 7.
Table 5 gives the bit formats for registers located in Data Bytes
0–7.
Table 3. Serial Data Interface Control Functions Summary
Control Function
Description
Common Application
Clock Output Disable Any individual clock output(s) can be disabled.
Disabled outputs are actively held LOW.
Unused outputs are disabled to reduce EMI and
system power. Examples are clock outputs to unused
PCI slots.
CPU Clock Frequency
Selection
Provides CPU/PCI frequency selections through
software. Frequency is changed in a smooth and
controlled fashion.
For alternate microprocessors and power
management options. Smooth frequency transition
allows CPU frequency change under normal system
operation.
Spread Spectrum
Enabling
Enables or disables spread spectrum clocking.
For EMI reduction.
Output three-state
Puts clock output into a high-impedance state.
Production PCB testing.
(Reserved)
Reserved function for future device revision or
production device testing.
No user application. Register bit must be written as 0.
Table 4. Byte Writing Sequence
Byte
Sequence
Byte Name
Bit Sequence
Byte Description
1
Slave Address
11010010
Commands the CY25245 to accept the bits in Data Bytes 0–6 for internal register
configuration. Since other devices may exist on the same common serial data
bus, it is necessary to have a specific slave address for each potential receiver.
The slave receiver address for the CY25245 is 11010010. Register setting will
not be made if the Slave Address is not correct (or is for an alternate slave
receiver).
2
Command Code Don’t Care
Unused by the CY25245, therefore bit values are ignored (“don’t care”). This byte
must be included in the data write sequence to maintain proper byte allocation.
The Command Code Byte is part of the standard serial communication protocol
and may be used when writing to another addressed slave receiver on the serial
data bus.
3
Byte Count
Don’t Care
Unused by the CY25245, therefore bit values are ignored (“don’t care”). This byte
must be included in the data write sequence to maintain proper byte allocation.
The Byte Count Byte is part of the standard serial communication protocol and may
be used when writing to another addressed slave receiver on the serial data bus.
4
Data Byte 0
Refer to Table 5 The data bits in Data Bytes 0–7 set internal CY25245 registers that control device
operation. The data bits are only accepted when the Address Byte bit sequence
is 11010010, as noted above. For description of bit control functions, refer to
Table 5, Data Byte Serial Configuration Map.
5
Data Byte 1
6
Data Byte 2
7
Data Byte 3
8
Data Byte 4
9
Data Byte 5
10
Data Byte 6
11
Data Byte 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com