Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25245PVC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25245PVC
Description  Frequency-multiplying, Peak-reducing EMI Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25245PVC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25245PVC Datasheet HTML 3Page - Cypress Semiconductor CY25245PVC Datasheet HTML 4Page - Cypress Semiconductor CY25245PVC Datasheet HTML 5Page - Cypress Semiconductor CY25245PVC Datasheet HTML 6Page - Cypress Semiconductor CY25245PVC Datasheet HTML 7Page - Cypress Semiconductor CY25245PVC Datasheet HTML 8Page - Cypress Semiconductor CY25245PVC Datasheet HTML 9Page - Cypress Semiconductor CY25245PVC Datasheet HTML 10Page - Cypress Semiconductor CY25245PVC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY25245
Document #: 38-07124 Rev. *B
Page 9 of 11
Layout Example
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±0.3V or 5V±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency
Input Clock
14
166
MHz
fOUT
Output Frequency
Spread Off
13
166
MHz
tR
Output Rise Time
15-pF load, 0.8V–2.4V
2
5
ns
tF
Output Fall Time
15-pF load, 2.4V–0.8V
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-cycle
250
300
ps
Ordering Information
Ordering Code
Package Type
Product Flow
CY25245PVC
20-pin Plastic SSOP
Commercial, 0°C to 70°C
CY25245PVCT
20-pin Plastic SSOP —Tape and Reel
Commercial, 0°C to 70°C
Lead-free
CY25245OXC
20-pin Plastic SSOP
Commercial, 0°C to 70°C
CY25245OXCT
20-pin Plastic SSOP —Tape and Reel
Commercial, 0°C to 70°C
FB
+3.3V Supply
µF
0.005
µF
G
G
VDDQ3
C3
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Ceramic Caps C1 = 10–22 µF C2 = 0.005 µF
FB = Vishay ILB1206 – 300 (300
Ω @ 100 MHz) or TDK ACB2012L-120 or Murata BLM21B601
All bypass caps = 0.1
µF ceramic.
G
V
G
V
G
V
G
G
G
G
G
G
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com