Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25245PVC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY25245PVC
Description  Frequency-multiplying, Peak-reducing EMI Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25245PVC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY25245PVC Datasheet HTML 3Page - Cypress Semiconductor CY25245PVC Datasheet HTML 4Page - Cypress Semiconductor CY25245PVC Datasheet HTML 5Page - Cypress Semiconductor CY25245PVC Datasheet HTML 6Page - Cypress Semiconductor CY25245PVC Datasheet HTML 7Page - Cypress Semiconductor CY25245PVC Datasheet HTML 8Page - Cypress Semiconductor CY25245PVC Datasheet HTML 9Page - Cypress Semiconductor CY25245PVC Datasheet HTML 10Page - Cypress Semiconductor CY25245PVC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY25245
Document #: 38-07124 Rev. *B
Page 8 of 11
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on Any Pin with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 3.3V ±0.3V[4]
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
18
32
mA
tON
Power-up Time
First locked clock cycle after Power
Good
5ms
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 4
–50
50
µA
IIH
Input High Current
Note 4
–50
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 3.3V
15
mA
IOH
Output High Current
@ 2.4V, VDD = 3.3V
15
mA
CI
Input Capacitance
7pF
RP
Input Pull-Up Resistor
250
k
Ω
ZOUT
Clock Output Impedance
25
Ω
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
30
50
mA
tON
Power-up Time
First locked clock cycle after
Power Good
5ms
VIL
Input Low Voltage
0.15VDD
V
VIH
Input High Voltage
0.7VDD
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 4
–50
50
µA
IIH
Input High Current
Note 4
–50
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
7pF
RP
Input Pull-up Resistor
250
k
Ω
ZOUT
Clock Output Impedance
25
Ω
Note:
4. Inputs OR1:2 and IR1:2 have a pull-up resistor, Input SSON# has a pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com