Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25245PVC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY25245PVC
Description  Frequency-multiplying, Peak-reducing EMI Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25245PVC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY25245PVC Datasheet HTML 1Page - Cypress Semiconductor CY25245PVC Datasheet HTML 2Page - Cypress Semiconductor CY25245PVC Datasheet HTML 3Page - Cypress Semiconductor CY25245PVC Datasheet HTML 4Page - Cypress Semiconductor CY25245PVC Datasheet HTML 5Page - Cypress Semiconductor CY25245PVC Datasheet HTML 6Page - Cypress Semiconductor CY25245PVC Datasheet HTML 7Page - Cypress Semiconductor CY25245PVC Datasheet HTML 8Page - Cypress Semiconductor CY25245PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Frequency-multiplying, Peak-reducing
EMI Solution
CY25245
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07124 Rev. *B
Revised February 2, 2005
Features
• Cypress PREMIS™ SMARTSPREAD™ family offering
• Generates an electromagnetic interference (EMI)
optimized clocking signal at the output
• Selectable output frequency range
• Single 1.25%, 2.5%, 5%, or 10% down or center spread
output
• Integrated loop filter components
• Operates with a 3.3 or 5V supply
• Low power CMOS design
• Available in 20-pin Small Shrunk Outline Package
(SSOP)
Key Specifications
Supply voltages: .......................................VDD = 3.3V ± 0.3V
or VDD = 5V ± 10%
Frequency range:............................ 13 MHz
≤ Fin ≤ 166 MHz
Cycle-to-cycle jitter: ......................................... 250 ps (max)
Output duty cycle: ................................ 40/60% (worst case)
Notes:
1. Pins marked with ^ are internal pull-down resistors with weak 250 k
Ω.
2. Pins marked with * are internal pull-up resistors with weak 80 k
Ω.
20
19
18
17
1
2
3
4
X1
X2
AVDD
MW0^
REFOUT
VDD
GND
IR1*
5
6
7
14
15
16
IR2*
SSOUT
MW1*
SDATA
OR1^
8
9
10
11
12
13
VDD
MW2^
OR2*
SSON#^
GND
GND
Simplified Block Diagram
Pin Configuration
SSOP
Spread Spectrum
CY25245
(EMI suppressed)
3.3V or 5.0V
Oscillator or
Spread Spectrum
CY25245
(EMI suppressed)
3.3V or 5.0V
XTAL
X1
X2
Reference Input
Input
Output
Output
X1
SCLK
SDATA
SDATA
SCLK
Serial Interface
Serial Interface
SCLK
[1, 2]


Similar Part No. - CY25245PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY25200 CYPRESS-CY25200 Datasheet
364Kb / 12P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200FZXC CYPRESS-CY25200FZXC Datasheet
364Kb / 12P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200FZXC CYPRESS-CY25200FZXC Datasheet
380Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25245PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W530-02 CYPRESS-W530-02 Datasheet
92Kb / 8P
Frequency-multiplying, Peak-reducing EMI Solution
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
Cypress Semiconductor
W532 CYPRESS-W532 Datasheet
129Kb / 8P
Frequency Multiplying, Peak Reducing EMI Solution
W245-30 CYPRESS-W245-30 Datasheet
116Kb / 12P
Frequency Multiplying, Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com