Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25245PVC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY25245PVC
Description  Frequency-multiplying, Peak-reducing EMI Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25245PVC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY25245PVC Datasheet HTML 1Page - Cypress Semiconductor CY25245PVC Datasheet HTML 2Page - Cypress Semiconductor CY25245PVC Datasheet HTML 3Page - Cypress Semiconductor CY25245PVC Datasheet HTML 4Page - Cypress Semiconductor CY25245PVC Datasheet HTML 5Page - Cypress Semiconductor CY25245PVC Datasheet HTML 6Page - Cypress Semiconductor CY25245PVC Datasheet HTML 7Page - Cypress Semiconductor CY25245PVC Datasheet HTML 8Page - Cypress Semiconductor CY25245PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY25245
Document #: 38-07124 Rev. *B
Page 2 of 11
Pin Definitions
Pin Name Pin No. Pin Type
Pin Description
SSOUT
15
O
Output Modulated Frequency. Frequency modulated copy of the input clock (SSON# asserted).
REFOUT
20
O
Non-modulated Output. This pin provides a copy of the reference frequency. This output will
not have the Spread Spectrum feature enabled regardless of the state of logic input SSON#.
X1
1
I
Crystal Connection or External Reference Frequency Input. This pin has dual functions. It
may either be connected to an external crystal, or to an external reference clock.
X2
2
I
Crystal Connection. Input connection for an external crystal. If using an external reference, this
pin must be left unconnected.
SSON#
10
I
Spread Spectrum Control (Active LOW). Asserting this signal (active LOW) turns the internal
modulation waveform on. This pin has an internal pull-down resistor.
MW0:2
4, 11, 14
I
Modulation Width Selection. When Spread Spectrum feature is turned on, these pins are used
to select the amount of variation and peak EMI reduction that is desired on the output signal.
MW0:Down, MW1:Up, MW2:Down (see Table 2).
IR1:2
17, 16
I
Reference Frequency Selection. The logic level provided at this input indicates to the internal
logic what range the reference frequency is in and determines the factor by which the device
multiplies the input frequency. Refer to Table 3. These pins have internal pull-up resistors.
OR1:2
6, 9
I
Output Frequency Selection Bits. These pins select the frequency operation for the output.
Refer to Table 1. The OR2 pin has an internal pull-up resistor. The OR1 pin has internal pull-down
resistors.
SCLK
7
I
Clock Pin for SMBus Circuitry.
SData
5
I/O
Data Pin for SMBus Circuitry.
VDD
12, 19
P
Power Connection. Connected to 3.3V or 5V power supply.
AVDD
3
P
Analog Power Connection. Connected to 3.3V or 5V power supply.
GND
8, 13, 18
G
Ground Connection. Connect all ground pins to the common ground plane.
Table 1. Frequency Configuration (Frequencies in MHz)
Range of Fin Frequency
Multiplier
Settings
Output/
Input
Range of Fout Required R Settings
Modulation and
Power-down Settings
Min.
Max.
OR2
OR1
Min.
Max.
IR2
IR1
MW2
MW1
14
41.7
0
1
1
14
41.7
0
1
Table 2
14
41.7
1
0
2
28
83.3
0
1
Table 2
14
41.7
1
1
4
56
166
0
1
Table 2
25
83.3
0
1
0.5
13
41.7
1
0
Table 2
25
83.3
1
0
1
25
83.3
1
0
Table 2
25
83.3
1
1
2
50
166
1
0
Table 2
50
166
0
1
0.25
13
41.7
1
1
Table 2
50
166
1
0
0.5
25
83.3
1
1
Table 2
50
166
1
1
1
50
166
1
1
Table 2
Reserved
0
0
N/A
N/A
N/A
As Set
As Set
1
0
Power-down Hi-Z
0
0
N/A
N/A
N/A
As Set
As Set
1
1
Power-down 0
0
0
N/A
N/A
N/A
As Set
As Set
0
0
Power-down 1
0
0
N/A
N/A
N/A
As Set
As Set
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com