Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321-DWF Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 45Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 46Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 47Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 48Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 49Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 50Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 51Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 52Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
48
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-55. Set Read Parameters instruction (QPI Mode)
7.34 Enable Reset (66h) and Reset (99h)
Because of the small package and the limitation on the number of pins, the AT25QL321 provide a software Reset
instruction instead of a dedicated RESET pin.
Once the Reset instruction is accepted, any on-going internal operations will be terminated and the device will return to
its default power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable
Latch (WEL) status, Program/Erase Suspend status, Continuous Read Mode bit setting, Read parameter setting and
Wrap bit setting.
“Enable Reset (66h)” and “Reset (99h)” instructions can be issued in either SPI mode or QPI mode. To avoid accidental
reset, both instructions must be issued in sequence. Any other instructions other than “Reset (99h)” after the “Enable
(66h)” instruction will disable the “Reset Enable” state. A new sequence of “Enable Reset (66h)” and “Reset (99h)” is
needed to reset the device. Once the Reset instruction is accepted by the device will take approximately tRST= 30us
to reset. During this period, no instruction will be accepted.
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation when Reset
instruction sequence is accepted by device. It is recommended to check the BUSY bit and the SUS bit in Status Register
before issuing the Reset instruction sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com