Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321-DWF Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 29Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 30Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 31Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 32Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 33Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 34Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 35Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 36Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
32
AT25QL321
DS-25QL321–131C–5/2017
7.18 32KB Block Erase (52h)
The Block Erase instruction is to erase the data of the selected block as being “1”. The instruction is used for 32K-byte
Block erase operation. Prior to the Block Erase Instruction, a Write Enable instruction must be issued. The instruction is
initiated by driving the CS pin low and shifting the instruction code “52h” followed a 24-bit block address (A23-A0).
(Please refer to Figure 7-28 and Figure 7-29). The CS pin must go high after the eighth bit of the last byte has been
latched in, otherwise, the Block Erase instruction will not be executed. After CS is driven high, the self-timed Block Erase
instruction will commence for a time duration of tBE1 (See AC Characteristics).
While the Block Erase cycle is in progress, the Read Status Register instruction may still be read the status of the
BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished and the
device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in
the Status Register is cleared to 0.
Figure 7-28. 32KB Block Erase Instruction (SPI Mode)
Figure 7-29. 32KB Block Erase Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com