Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321-DWF Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 26Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 27Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 28Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 29Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 30Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 31Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 32Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 33Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
29
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-23. Page Program Instruction (QPI Mode)
7.16 Quad Page Program (33h)
The Quad Page Program instruction is to program the memory as being “0” at previously erased memory areas. The Quad
Page Program takes four pins: IO0, IO1, IO2 and IO3 as address and data input, which can improve programmer performance
and the effectiveness of application of lower clock less than 5MHz. System using faster clock speed will not get more benefit for
the Quad Page Program as the required internal page program time is far more than the time data clock-in.
To use Quad Page Program, the Quad Enable bit must be set, A Write Enable instruction must be executed before the
device will accept the Quad Page Program instruction (Status Register‐1, WEL=1). The instruction is initiated by driving
the CS pin low then sending the instruction code “33h” with following a 24‐bit address (A23‐A0) and at least one data,
into the IO pins. The CS pin must be held low for the entire length of the instruction while data is being sent to the device.
All other functions of Quad Page Program are perfectly same as standard Page Program. (Please refer to Figure 7-
24 and Figure 7-25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com