Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321-DWF Datasheet(PDF) 77 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 77 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 71Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 72Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 73Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 74Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 75Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 76Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 77Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 78Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 79Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
76
AT25QL321
DS-25QL321–131C–5/2017
10.6 10-WLCSP — die Ball Grid Array
Package Drawing TBC (To Be Confirmed - Contact Adesto for more information)
2.329 mm
1.596 mm
0.8 mm
0.2 mm
0.2 mm
0.2 mm
0.2 mm
0.2 mm
0.2 mm
0.7 mm
0.35 mm
0.35 mm
0.35 mm max
F
B
C
D
E
1
2
3
A
G
GND
I/O
0(SI)
I/O
2(WP)
SCK
I/O
1(SO)
I/O
3(HOLD)
CS
Vcc
Side View
Bottom View
Final package outline drawing to be confirmed
Unmarked balls are NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com