Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321-DWF Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 61Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 62Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 63Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 64Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 65Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 66Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 67Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 68Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
64
AT25QL321
DS-25QL321–131C–5/2017
Note:
1. These parameters are characterized only.
Figure 8-2. ACC Program acceleration Timing and Voltage Levels
8.6
DC Electrical Characteristics
PARAMETER
SYMBOL
SPEC
UNIT
MIN
MAX
WP pin High Voltage
VHH(1)
8.5
9.5
V
WP pin Voltage rise and fall time
tVHH(1)
2.2
µs
WP at VHH and VIL or VIH to first instruction
tWC(1)
5
µs
PARAMETER
SYMBOL
CONDITION
SPEC
UNIT
MIN
TYP
MAX
Input Capacitance
CIN(1)
VIN=0V(2)
6
pF
Output Capacitance
COUT(1)
VOUT=0V(2)
8
pF
Input Leakage
ILI
±2
µA
I/O Leakage
ILO
±2
µA
Standby Current
ICC1
CS=VCC
VIN=GND or VCC
10
50
µA
Power Down Current
ICC2
CS=VCC
VIN=GND or VCC
2
20
µA
Current Read Data/
Dual/Quad 1MHz(2)
ICC3
C=0.1 VCC / 0.9VCC
7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com