Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5946LEVCMODU Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5946LEVCMODU
Description  Independent Output Controls for Each Channel
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946LEVCMODU Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5946LEVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 9Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 10Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MAX5946L Evaluation Kit/Evaluation System
_______________________________________________________________________________________
7
Table 5. MAX7313 Port Configuration/Function for Channel A
MAX7313 PORT
(REGISTER)
PORT P7
(BIT D7)
PORT P6
(BIT D6)
PORT P5
(BIT D5)
PORT P4
(BIT D4)
PORT P3
(BIT D3)
PORT P2
(BIT D2)
PORT P1
(BIT D1)
PORT P0
(BIT D0)
Port Configuration
Output
Output
Input
Input
Output
Output
Input
Input
EV Kit Function
YELLOW
LED (D4)
GREEN LED
(D3)
PRES-
DETA\
FAULTA
AUXONA
ONA
OUT1
MRLA
Table 6. MAX7313 Port Configuration/Function for Channel B
MAX7313PORT
(REGISTER)
PORT P15
(BIT D7)
PORT P14
(BIT D6)
PORT P13
(BIT D5)
PORT P12
(BIT D4)
PORT P11
(BIT D3)
PORT P10
(BIT D2)
PORT P9
(BIT D1)
PORT P8
(BIT D0)
Port Configuration
Output
Output
Input
Input
Output
Output
Input
Input
EV Kit Function
YELLOW
LED (D5)
GREEN
LED (D6)
PRES-DETB\
FAULTB
AUXONB
ONB
OUT2
MRLB
Figure 2. The two-wire interface window provides direct, low-level access to the MAX5946L through the SMBus 2-wire interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com