Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5946LEVCMODU Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5946LEVCMODU
Description  Independent Output Controls for Each Channel
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946LEVCMODU Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5946LEVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MAX5946L Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
C1
1
1500µF, 16V electrolytic capacitor
(12.5mm x 13.5mm case)
Panasonic EEVFK1C152Q
C2
1
3300µF, 6.3V low-Z electrolytic
capacitor (12.5mm x 13.5mm case)
Sanyo 6.3CV3300KX
C3, C7, C8
3
10µF ±20%, 25V X7R ceramic
capacitors (1812)
TDK 4532X7R1E106M
C4, C13–C18
7
1µF ±10%, 16V X7R ceramic
capacitors (0805)
Murata GRM21BR71C105K
C5, C6
2
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C9–C12
0
Not installed, ceramic capacitors
(0805)
D1, D2, D3,
D6–D10
8
Green surface-mount LEDs (1206)
D4, D5
2
Yellow surface-mount LEDs (1206)
D11
1
1A, 40V Schottky diode (SOD-123)
Diodes Inc. 1N5819HW
J1, J2
2
PCI Express-16 connectors
Molex 87715-3305
J3
1
16-pin header
J4
1
2 x 10 right-angle female receptacle
JU1–JU4
4
2-pin headers
JU5–JU8
4
3-pin headers
N1–N4
4
20V, 13.4A n-channel MOSFETs (SO-8)
Vishay Si7448DP-T1
R1, R2
2
0.008
Ω ±2%, 0.5W sense resistors
(2010)
IRC LRC-LRF2010-01-R008-G or
Vishay WSL20108L600F
DESIGNATION
QTY
DESCRIPTION
R3, R4
2
0.005
Ω ±1%, 0.5W sense resistors
(2010)
Vishay WSL2010R005F
R5, R8, R19,
R20, R21, R26,
R27, R34–R37
0
Not installed, resistors (0805)
R6, R7, R9–R12,
R15, R16, R22,
R23, R24
11
10k
Ω ±5% resistors (0603)
R13, R14, R17,
R18, R28, R29,
R32, R33
8
150
Ω ±5% resistors (0603)
R25
1
750
Ω ±1% resistor (1210)
R30, R31
2
1k
Ω ±5% resistors (1206)
R38–R41
4
51k
Ω ±5% resistors (0603)
R42, R43
2
3.3k
Ω ±5% resistors (0603)
SW1, SW2
2
SPST momentary-contact switches
SW3–SW6
4
SPDT slide switches
TP1–TP4,
TP6–TP10, TP21,
TP22, TP27, TP28
13
PC test points, red
TP5, TP11, TP12,
TP15–TP20,
TP29, TP30
11
PC test points, black
TP13, TP14,
TP23–TP26
6
PC test points, miniature, red
U1
1
MAX5946LETX (36-pin thin QFN,
6mm x 6mm)
U2
1
16-port I/O expander (24-pin thin
QFN, 4mm x 4mm)
Maxim MAX7313ATG
VIN1, VIN2, VIN3,
GND, GND
5
Uninsulated banana jacks
None
8
Shunts (JU1–JU8)
None
5
Rubber bumpers
None
1
MAX5946L evaluation kit
software CD-ROM
Component List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com