Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5946LEVCMODU Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5946LEVCMODU
Description  Independent Output Controls for Each Channel
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946LEVCMODU Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5946LEVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX5946L evaluation kit (EV kit) is a fully assembled
and tested surface-mount, dual hot-plug controller circuit
board for two PCI Express™ hot-plug slots. The circuit
uses a MAX5946L IC in a 36-pin thin QFN package. The
EV kit provides independent power control for the 12V,
3.3V, and 3.3V auxiliary outputs at two PCI Express-16
connectors. The EV kit demonstrates the MAX5946L IC’s
inrush current control, output overcurrent/short-circuit
protection, and input undervoltage monitoring features.
The MAX5946L IC controls two separate external n-chan-
nel MOSFETs for the 12V and 3.3V outputs of each chan-
nel, respectively. Additionally, the MAX5946L has two
internal MOSFETs that control the 3.3V auxiliary outputs
of channels A and B. Switches on the EV kit are provided
to independently enable/disable each channels’
12V/3.3V and 3.3V auxiliary supply.
The MAX5946L EV kit can be reconfigured to evaluate an
x1, x4, or x8 PCI Express dual hot-plug design.
Alternatively, the EV kit can also be used to demonstrate
the MAX5946L hot-plug features without using the PCI
Express-16 connectors.
The EV kit includes a MAX7313 I/O expander that
enables communication through an SMBus™ interface
for the MAX5946L signals and some of the PCI Express
channel A and B signals. An SMBus interface board
(CMODUSB) can be used to enable PC communication
through the SMBus interface. Simple Windows
98/2000/XP®-compatible software is provided to access
the MAX7313 I/O expander registers at the bit level. The
MAX5946L EV kit can be used in local control without
any software.
Order the MAX5946LEVCMODU for a complete PC-
based evaluation of the MAX5946L. Order the
MAX5946LEVKIT if you already have a CMODUSB
SMBus interface board or do not require PC-based eval-
uation of the MAX5946L.
Features
♦ Demonstrates PCI Express-16 Dual Hot-Plug
Design
♦ Independent Output Controls for Each Channel
♦ 12V at Up to 5.5A (Adjustable)
♦ 3.3V at Up to 3A (Adjustable)
♦ 3.3VAux at Up to 0.375A
♦ Evaluates Hot-Plugging PCI Express x1, x4, x8, or
x16 Cards
♦ Demonstrates Input Inrush-Current Control
♦ Demonstrates Output Overcurrent/Short-Circuit
Protection
♦ Monitors Input Undervoltage for 12V, 3.3V, and
3.3VAux with Status Reports
♦ Configurable Power-On Reset (POR)
♦ Independent On/Off Controls for Channels A/B
(12V/3.3V and 3.3VAux)
♦ Independent +3.3VAux Output with Separate
On/Off Control
♦ Latched Output after Fault Conditions (12V, 3.3V,
3.3VAux)
♦ Input/Output Interface Using a MAX7313 I/O
Expander (SMBus Interface) or Local Control
♦ Controlled Locally without Software
♦ Windows 98/2000/XP-Compatible Software
♦ Surface-Mount Components
♦ Fully Assembled and Tested
MAX5946L Evaluation Kit/Evaluation System
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3621; Rev 0; 1/05
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
*EP = Exposed paddle.
PCI Express is a trademark of PCI-SIG Corp.
SMBus is a trademark of Intel Corp.
Windows is a registered trademark of Microsoft Corp.
PART
TEMP
RANGE
IC
PACKAGE
SMBus
INTERFACE
TYPE
MAX5946LEVKIT
0°C to +70°C
36-Thin
QFN-EP*
Not Included
MAX5946LEVCMODU 0°C to +70°C
36-Thin
QFN-EP*
CMODUSB
Note: The MAX5946L EV kit software is provided with the
MAX5946LEVKIT. However, the CMODUSB interface board is
required to interface the EV kit to the computer when using the
software.
MAX5946LEVCMODU
(MAX5946L EV System)
Component List
PART
QTY
DESCRIPTION
MAX5946LEVKIT
1
MAX5946L evaluation kit
CMODUSB
1
SBMus interface board


Similar Part No. - MAX5946LEVCMODU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5946LETX MAXIM-MAX5946LETX Datasheet
1,019Kb / 23P
Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
More results

Similar Description - MAX5946LEVCMODU

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
slew rate for each output
REVISION D 04/22/15
9DBU0241 ICST-9DBU0241 Datasheet
296Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
slew rate for each output
REVISION C 04/22/15
9DBU0441 ICST-9DBU0441 Datasheet
195Kb / 16P
slew rate for each output
REVISION C 04/22/15
9DBU0631 ICST-9DBU0631 Datasheet
225Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0641 ICST-9DBU0641 Datasheet
231Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0731 ICST-9DBU0731 Datasheet
220Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
slew rate for each output
REVISION D 08/11/15
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
slew rate for each output
REVISION C 08/11/15
logo
Maxim Integrated Produc...
MAX17000EVKIT MAXIM-MAX17000EVKIT Datasheet
280Kb / 11P
Independent Shutdown and Standby Controls
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com