Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5946LEVCMODU Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5946LEVCMODU
Description  Independent Output Controls for Each Channel
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946LEVCMODU Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5946LEVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Quick Start
Required Equipment
•
One each of the following DC power supplies:
12V at 12A (the 12V supply must be rated
12A or higher)
3.3V at 10A
•
Three voltmeters
The 3.3V power supply can be used to power the main
3.3V and 3.3V_AUX inputs.
The MAX5946L EV kit is fully assembled and tested.
Follow these steps to verify board operation. Do not
turn on the power supply until all connections are
completed.
Note: The banana leads connecting the 12V and
3.3V power supply to the EV kit must be short (<12
inches long).
MAX5946L Configuration A/B Channel
Outputs
1) Verify that shunts are installed on jumpers JU1
(PRES-DETA) and JU2 (PRES-DETB).
2) Verify that shunts are not installed on jumpers JU3
(MRLA) and JU4 (MRLB).
3) Verify that shunts are installed on pins 1 and 2 of
jumpers JU5–JU8 (local switch control).
4) Set switches SW3 (ONB) and SW4 (AUXONB) to
the ON position (Channel B).
5) Set switches SW5 (ONA) and SW6 (AUXONA) to
the ON position (Channel A).
6) Utilizing short 10A-rated banana leads (<12in long)
connect the 12V DC power supply to the VIN1
banana jack. Utilizing short 10A-rated banana
leads (<12in long) connect the supply ground to
the GND banana jack.
7) Utilizing short 10A-rated banana leads (<12in
long) connect the 3.3V DC power supply to the
VIN2 banana jack. Utilizing short 10A-rated
banana leads (<12in long) connect the supply
ground to the GND banana jack.
8) Connect the 3.3V DC power supply to the VIN3
banana jack with a short banana lead. Connect the
supply ground to the GND banana jack.
9) Connect a voltmeter to the 12VA pad or test point
TP1 and GND. Connect a voltmeter to the 3.3VA
pad or test point TP9 and GND. Connect a volt-
meter to the 3.3VAUXA pad or test point TP10 and
GND.
10) Turn on both power supplies in any sequence.
11) Verify that the voltage at the following pads is as
shown below:
a. 12VA, 12VB = 12V
b. 3.3VA, 3.3VB = 3.3V
c. 3.3VAUXA, 3.3VAUXB = 3.3V
12) Sliding switches SW5 and SW6 to the OFF position
will disable channel A on the MAX5946L EV kit dual
hot-plug controller.
13) Sliding switches SW3 and SW4 to the OFF position
will disable channel B on the MAX5946L EV kit dual
hot-plug controller.
14) Test points TP25, TP26, TP24, TP23, and GND pads
nearby are provided to observe MOSFETs N1–N4
gate voltage, respectively, with an oscilloscope.
See the MAX7313 Input/Output Expander and SMBus
Interface section for configuring the Input/Output
Expander and using the CMODUSB interface board.
MAX5946L Evaluation Kit/Evaluation System
_______________________________________________________________________________________
3
SUPPLIER
PHONE
FAX
WEBSITE
Diodes Inc.
805-446-4800
805-446-4850
www.diodes.com
IRC
361-992-7900
361-992-3377
www.irctt.com
Murata
770-436-1300
770-436-3030
www.murata.com
Panasonic
714-373-7366
714-737-7323
www.panasonic.com
Sanyo Electronic Device
619-661-6835
619-661-1055
www.sanyodevice.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Vishay
—
—
www.vishay.com
Component Suppliers
Note: Indicate that you are using the MAX5946L when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com