Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5946LEVCMODU Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5946LEVCMODU
Description  Independent Output Controls for Each Channel
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946LEVCMODU Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5946LEVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 9Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 10Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 11Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 12Page - Maxim Integrated Products MAX5946LEVCMODU Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MAX5946L Evaluation Kit/Evaluation System
10
______________________________________________________________________________________
Figure 4. MAX5946L EV Kit Schematic, PCI Express-16 Connectors
PRES-DETA
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
A32
A33
A34
A35
A36
A37
A38
A39
A40
A41
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
B32
B33
B34
B35
B36
B37
B38
B39
B40
B41
GND
J1
N1S
N1S
N3S
AUXOA
PRES-DETA
PRES-DETA
+12V
+12V
+12V
GND
SMCLK
SMDAT
GND
+3.3V
JTAG1
3.3VAUX
WAKE#
RSVD
GND
PETPO
PETNO
GND
PRSNT2#
GND
PETP1
PETN1
GND
GND
PETP2
PETN2
GND
GND
PETP3
PETN3
GND
RSVD
PRSNT2#
GND
PETP4
PETN4
GND
GND
PETP5
PETN5
GND
GND
PETP6
PRSNT1#
+12V
+12V
GND
JTAG2
JTAG3
JTAG4
JTAG5
+3.3V
+3.3V
PERST#
GND
REFCLK+
REFCLK-
GND
PERPO
PERNO
GND
RSVD
GND
PERP1
PERN1
GND
GND
PERP2
PERN2
GND
GND
PERP3
PERN3
GND
RSVD
RSVD
GND
PERP4
PERN4
GND
GND
PERP5
PERN5
GND
J4–1
J4–3
J4–5
J4–7
J4–9
J4–11
J4–13
J4–15
J4–17
J4–19
J4–2
J4–4
J4–6
J4–8
J4–10
J4–12
J4–14
J4–16
J4–18
J4–20
SDA
VDD
GND
SCL
SUSPENDOUT
ALERTIN
GND
GND
NC
NC
NC
NC
J4
FEMALE CONNECTOR 2 x 10
SCL
GND
TP31
VDD
SDA
SCL
GND
TP32
VDD
SDA
SUSPENDOUT
ALERTIN
J3–1
J3
J3–2
J3–3
J3–4
J3–5
J3–6
PERST#_J2
PERST#_J1
PRES-DETA
PRES-DETB
ONA
ONB
J3–7
J3–8
J3–9
AUXONA
AUXONB
FAULTA
J3–10
J3–11
J3–12
J3–13
FAULTB
OUT1
OUT2
PWRGDA
J3–14
J3–15
J3–16
PWRGDB
INT
GND
A42
A43
A44
A45
A46
A47
A48
A49
A50
A51
A52
A53
A54
A55
A56
A57
A58
A59
A60
A61
A62
A63
A64
A65
A66
A67
A68
A69
A70
A71
A72
A73
A74
A75
A76
A77
A78
A79
A80
A81
A82
B42
B43
B44
B45
B46
B47
B48
B49
B50
B51
B52
B53
B54
B55
B56
B57
B58
B59
B60
B61
B62
B63
B64
B65
B66
B67
B68
B69
B70
B71
B72
B73
B74
B75
B76
B77
B78
B79
B80
B81
B82
PCI-16EX
PETN6
GND
GND
PETP7
PETN7
GND
PRSNT2#
GND
PETP8
PETN8
GND
GND
PETP9
PETN9
GND
GND
PETP10
PETN10
GND
GND
PETP11
PETN11
GND
GND
PETP12
PETN12
GND
GND
PETP13
PETN13
GND
GND
PETP14
PETN14
GND
GND
PETP15
PETN15
GND
PRSNT2#
RSVD
GND
PERP6
PETN6
GND
GND
PERP7
PERN7
GND
RSVD
GND
PERP8
PERN8
GND
GND
PERP9
PERN9
GND
GND
PERP10
PERN10
GND
GND
PERP11
PERN11
GND
GND
PERP12
PERN12
GND
GND
PERP13
PERN13
GND
GND
PERP14
PERN14
GND
GND
PERP15
PERN15
GND
GND
N3S
PERST#_J1
PRES-DETA
PRES-DETB
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
A32
A33
A34
A35
A36
A37
A38
A39
A40
A41
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
B32
B33
B34
B35
B36
B37
B38
B39
B40
B41
GND
J2
N2S
N2S
N4S
AUXOB
PRES-DETB
PRES-DETB
+12V
+12V
+12V
GND
SMCLK
SMDAT
GND
+3.3V
JTAG1
3.3VAUX
WAKE#
RSVD
GND
PETPO
PETNO
GND
PRSNT2#
GND
PETP1
PETN1
GND
GND
PETP2
PETN2
GND
GND
PETP3
PETN3
GND
RSVD
PRSNT2#
GND
PETP4
PETN4
GND
GND
PETP5
PETN5
GND
GND
PETP6
PRSNT1#
+12V
+12V
GND
JTAG2
JTAG3
JTAG4
JTAG5
+3.3V
+3.3V
PERST#
GND
REFCLK+
REFCLK-
GND
PERPO
PERNO
GND
RSVD
GND
PERP1
PERN1
GND
GND
PERP2
PERN2
GND
GND
PERP3
PERN3
GND
RSVD
RSVD
GND
PERP4
PERN4
GND
GND
PERP5
PERN5
GND
A42
A43
A44
A45
A46
A47
A48
A49
A50
A51
A52
A53
A54
A55
A56
A57
A58
A59
A60
A61
A62
A63
A64
A65
A66
A67
A68
A69
A70
A71
A72
A73
A74
A75
A76
A77
A78
A79
A80
A81
A82
B42
B43
B44
B45
B46
B47
B48
B49
B50
B51
B52
B53
B54
B55
B56
B57
B58
B59
B60
B61
B62
B63
B64
B65
B66
B67
B68
B69
B70
B71
B72
B73
B74
B75
B76
B77
B78
B79
B80
B81
B82
PCI-16EX
PETN6
GND
GND
PETP7
PETN7
GND
PRSNT2#
GND
PETP8
PETN8
GND
GND
PETP9
PETN9
GND
GND
PETP10
PETN10
GND
GND
PETP11
PETN11
GND
GND
PETP12
PETN12
GND
GND
PETP13
PETN13
GND
GND
PETP14
PETN14
GND
GND
PETP15
PETN15
GND
PRSNT2#
RSVD
GND
PERP6
PETN6
GND
GND
PERP7
PERN7
GND
RSVD
GND
PERP8
PERN8
GND
GND
PERP9
PERN9
GND
GND
PERP10
PERN10
GND
GND
PERP11
PERN11
GND
GND
PERP12
PERN12
GND
GND
PERP13
PERN13
GND
GND
PERP14
PERN14
GND
GND
PERP15
PERN15
GND
GND
N4S
PERST#_J2
PRES-DETB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com