Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # CMODUSB
Description  Power-On Recall of Wiper Position from Nonvolatile Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 1 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX5417L evaluation system (EV system) consists
of a MAX5417L evaluation kit (EV kit) and a companion
command module interface board (CMODUSB).
The MAX5417L EV kit is an assembled and tested
PC board that features the MAX5417L 50kΩ, linear-taper
digital potentiometer. The MAX5417L IC features an inter-
nal nonvolatile EEPROM used to store the potentiometer’s
wiper position for initialization during power-up. The
EEPROM is programmed through the I2C-compatible seri-
al interface, transmitting at rates up to 400kbps. The
MAX5417L is programmed with a factory-preset address
and features an address input for a total of two unique
address combinations. The MAX5417L EV kit can also be
used to evaluate other versions of the MAX5417,
MAX5418 (100kΩ), and MAX5419 (200kΩ) digital
potentiometers.
The EV kit also includes Windows® 98-/2000-/XP-compat-
ible software that provides a professional user interface
for exercising the MAX5417L’s features. The program is
menu-driven and offers a graphical user interface (GUI)
complete with control buttons and a track bar.
The CMODUSB command module allows a personal
computer (PC) to use its USB port to emulate an I2C 2-
wire interface. Order the MAX5417LEVCMODU for a
complete PC-based EV kit. Order the MAX5417LEVKIT
if a CMODUSB command module or an I2C-compatible
2-wire interface system has already been purchased
with a Maxim EV system.
Features
♦ Power-On Recall of Wiper Position from
Nonvolatile Memory
♦ 2.7V to 5.25V Single-Supply Operation
♦ Selectable Device Address Input
♦ I2C-Compatible Serial Interface
♦ Easy-to-Use Menu-Driven Software
♦ Include Windows 98-/2000-/XP-Compatible
Software and Demo PC Board
♦ Evaluate the MAX5417/MAX5418/MAX5419
♦ Assembled and Tested
MAX5417L Evaluation Kit/Evaluation System
________________________________________________________________ Maxim Integrated Products
1
19-3733; Rev 0; 6/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
IC
PACKAGE
I2C
INTERFACE
INCLUDED
MAX5417LEVKIT
0°C to +70°C 8 TDFN-EP*
No
MAX5417LEVCMODU 0°C to +70°C 8 TDFN-EP*
Yes
Ordering Information
*EP = Exposed pad.
Note: To evaluate the MAX5417M†/N†/P†, MAX5418_, or
MAX5419_, request a free sample with the
MAX5417LEVKIT.
Note: The MAX5417L EV kit software is provided with the
MAX5417LEVKIT. However, the CMODUSB command
module is required to interface the EV kit to the computer
when using the included software.
†Future Product—contact factory for availability.
Windows is a registered trademark of Microsoft Corp.
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1µF ±10%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1C104K
C2
0
Not installed, ceramic capacitor (0603)
J1
1
2 x 10 right-angle receptacle
JU1
1
3-pin header
JU2
0
Not installed, 2-pin header
JU3
1
2-pin header
DESIGNATION
QTY
DESCRIPTION
R1, R2
0
Not installed, resistors (0805)
U1
1
MAX5417LETA
(8-pin, 3mm x 3mm TDFN-EP)
None
1
Shunt (JU1)
None
1
MAX5417L PC board
None
1
Software disk (CD-ROM),
MAX5417L EV kit
MAX5417LEVKIT Component List
PART
QTY
DESCRIPTION
MAX5417LEVKIT
1
MAX5417L EV kit
CMODUSB
1
I2C interface board
MAX5417LEVCMODU
System Component List


Similar Part No. - CMODUSB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
CMODUSB MAXIM-CMODUSB Datasheet
685Kb / 13P
Independent Output Controls for Each Channel
Rev 0; 1/05
CMODUSB MAXIM-CMODUSB Datasheet
263Kb / 15P
Fully Assembled and Tested
Rev 0; 6/05
More results

Similar Description - CMODUSB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
logo
Intersil Corporation
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
July 20, 2009
X9C103SIZT1 INTERSIL-X9C103SIZT1 Datasheet
240Kb / 10P
Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
July 20, 2009
logo
Analog Devices
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Maxim Integrated Produc...
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
Power-On Recall of Wiper Position from Nonvolatile Memory
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com