Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # CMODUSB
Description  Power-On Recall of Wiper Position from Nonvolatile Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 5 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MAX5417L Evaluation Kit/Evaluation System
_______________________________________________________________________________________
5
Nonvolatile Programming
The Non-Volatile edit fields can be used to program the
nonvolatile memory of the digital potentiometer. When
writing to the nonvolatile memory (0x21 command), the
volatile memory and the wiper position remain
unchanged. The Non-Volatile edit fields accept the
numerical position from 0 to 255. The top Non-Volatile
edit field shows the wiper position with respect to the H
end point and the bottom Non-Volatile edit field shows
the wiper position with respect to the L end point.
Volatile/Nonvolatile Data Transfer
The Potentiometer Control box contains buttons
VREG->NVREG and NVREG->VREG that are used to
transfer data from the volatile memory to the nonvolatile
memory and the nonvolatile memory to the volatile mem-
ory. When the VREG->NVREG button is clicked, the data
present in the volatile memory is transferred to the non-
volatile
memory
(0x51
command).
When
the
NVREG->VREG button is clicked, the data present in
the nonvolatile memory is transferred to the volatile mem-
ory (0x61 command) and the wiper position is updated.
These commands do not send any new data to the
device because the commands transfer data already
contained in the volatile or nonvolatile registers.
Interface
The MAX5417L EV kit software automatically searches
for the MAX5417L during startup using the two possible
addresses: 0x50 or 0x52. If the software finds the
MAX5417L digital potentiometer, the Status indicator
shows the MAX5417L is operational or if it is not found,
the Status indicator shows that the MAX5417L was not
found and the Device Address is set to “??”. When
evaluating other versions of the MAX5417 or the
MAX5418/MAX5419 digital potentiometers, use the
Device Type combo box to select the correct device
and select the Auto Detect option from the Device
Address combo box, after starting the MAX5417L EV
kit software.
Use the I2C Bus Speed combo box to set the bus
speed to 400kHz or 100kHz.
Simple I2C Commands
There are two methods for communicating with the
MAX5417L EV kit; through the normal user-interface
panel (Figure 1) or by using low-level I2C commands
available through the 2-Wire Interface Diagnostic
(Figure 2) item from the main program’s Options main
menu. A window is displayed that allows I2C operations,
such as Read Byte and Write Byte. The Read Byte
operation is not used because the MAX5417L does not
send data to the master. To stop normal user-interface
execution so that it does not override the manually set
values, turn off the update timer by unchecking the
Automatic Diagnostics checkbox in the MAX5417L
main program.
The I2C dialog boxes accept numeric data in binary,
decimal, or hexadecimal. Hexadecimal numbers
should be prefixed by $ or 0x. Binary numbers must be
exactly eight digits. See Figure 2 for an example of this
tool. Figure 2 shows a simple SMBus™ write-byte oper-
ation using the included 2-wire interface diagnostics. In
this example, the software is writing data 0x4E to the
register address 0x11 (volatile memory) of the device
with device address 0x50. The above data sequence
sets the wiper position of the MAX5417L to position 78.
General Troubleshooting
Problem: Software reports it cannot find the board.
• Is the CMODUSB command module power LED
(LED1) lit?
• Is the USB communications cable connected?
• Has Windows plug-and-play detected the board?
Bring up Control Panel, then System, then Device
Manager, and look at what device nodes are indicat-
ed for USB. If there is an “unknown device” node
attached to the USB, delete it. This forces plug-and-
play to try again.
Problem: Unable to find device-under-test (DUT).
• Is power connected to the MAX5417L EV kit?
• Are the SCL and SDA signals pulled up to VDD
through appropriate resistors (2.4kΩ typ)? The
CMODUSB command module dip switch SW1
enables the on-board resistors. There must be pullup
resistors somewhere on the I2C bus.
• If using jumper wires to connect, could the SCL and
SDA signals be swapped? Could the ground return
be missing?
SMBus is a trademark of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com