Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # CMODUSB
Description  Power-On Recall of Wiper Position from Nonvolatile Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 4 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
These functions create some activity on the I2C bus.
The Silence I2C Activity checkbox reduces I2C bus
activity to the MAX5417L EV kit to enable easy trigger-
ing of an oscilloscope. The Factory Reset button pro-
grams the volatile and nonvolatile memory to midscale
(wiper position = 127).
Software Startup
The MAX5417L EV kit software automatically searches
for the CMODUSB and the MAX5417L EV kit during
startup. The status indicator shows if the interface
board and the MAX5417L EV kit are operational. If the
interface board is not found, verify that the command
module and the USB cable are connected properly,
power is applied to the EV kit, and click the YES button
on the retry-connection message box.
The nonfunctional GUI can be viewed by clicking the
NO button on the retry-connection message box when
attempting to start the software without the CMODUSB
being connected. Restart the software with the com-
mand module and EV kit properly connected for normal
operation.
Wiper Position
The trackbar in the Potentiometer Control box can be
used to change the wiper position between the H and L
end points. Use the computer mouse, arrow keys, or
page-up/page-down keys to move the trackbar
between the 256 position points. The wiper position can
also be changed by entering the numerical position (0
to 255) in the Volatile edit fields. A trackbar or Volatile
edit field change writes to the volatile memory (0x11
command) and the wiper position is updated with the
data sent. The data in the nonvolatile memory remains
unchanged. The position of the wiper is shown in the
Volatile edit fields. The top Volatile field shows the
wiper position with respect to the H end point and the
bottom Volatile field shows the wiper position with
respect to the L end point. During EV kit power-up, the
data (wiper position) in the nonvolatile memory is trans-
ferred to the volatile memory and the wiper position is
updated. The Volatile and Non-Volatile edit fields dis-
play “??” after initializing the EV kit software because
the MAX5417L does not transmit data to the master.
MAX5417L Evaluation Kit/Evaluation System
4
_______________________________________________________________________________________
Figure 1. MAX5417L EV Kit Software Main Window



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com