Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # CMODUSB
Description  Power-On Recall of Wiper Position from Nonvolatile Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 2 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Quick Start
Recommended Equipment
• Windows 98/2000/XP computer and a USB port
• USB cable (to connect the computer’s USB port to
the CMODUSB command module)
• 5V/100mA DC power supply
•Ohmmeter
Procedure
The MAX5417L EV kit is fully assembled and tested.
Follow the steps below to verify board operation. Do
not turn on the power supply until all connections
are completed:
1) Carefully connect the boards by aligning the 20-pin
connector (J1) of the MAX5417L EV kit with the P3
20-pin header on the CMODUSB command mod-
ule. Gently press them together.
2) Slide both CMODUSB command module SW1 dip
switches to the ON position. Ensure that jumper J1
is installed in position 1-2, setting the command
module for 5V operation.
3) Verify that a shunt is installed across pins 1-2 of
jumper JU1 (device address = 0x52) on the
MAX5417L EV kit.
4) Verify that a shunt is not installed on jumper JU3 on
the MAX5417L EV kit.
5) Use the INSTALL.EXE program on the provided
CD-ROM to copy the files and create icons in the
Windows 98/2000/XP Start menu.
6) Connect the 5V DC power supply to the VDD and
GND pads on the MAX5417L EV kit board.
7) Connect the ohmmeter across the L and W pads.
8) Turn on the power supply.
9) Connect a USB cable from the computer’s USB port
to the CMODUSB command module. Note: Do not
connect a power source to the P1 connector on the
command module. The command module is pow-
ered through the USB port.
10) Start the MAX5417L program by opening its icon in
the Start menu.
11) Observe as the program automatically detects the
address of the MAX5417L and starts the main program.
12) The MAX5417L EV kit is ready for additional testing.
Detailed Description
of Hardware
The MAX5417L EV kit is an assembled and tested PC
board that evaluates the MAX5417L linear-taper digital
potentiometer. The MAX5417L has an end-to-end resis-
tance of 50kΩ. The I2C interface is used to program the
potentiometer wiper among 256 tap positions. The
MAX5417L features an internal nonvolatile memory
(EEPROM) used to store the wiper position for initializa-
tion during power-up. The I2C-compatible serial inter-
face can communicate at rates up to 400kbps to
program the nonvolatile and the volatile memory of the
MAX5417L.
The MAX5417L is programmed with a factory-preset
address and features a configurable address bit, A0,
which can set the device address to one of two unique
address combinations. The MAX5417L EV kit can also
be used to evaluate other 50kΩ digital potentiometers
(MAX5417M/N/P), each with their own unique factory
address. To evaluate the four versions of the MAX5418
(100kΩ) or the four versions of the MAX5419 (200kΩ)
digital potentiometers, IC replacement is required.
MAX5417L Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
SUPPLIER
PHONE
FAX
WEBSITE
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Component Supplier
Note: Indicate that you are using the MAX5417L when contacting this component supplier.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com