Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # CMODUSB
Description  Power-On Recall of Wiper Position from Nonvolatile Memory
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 3 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Address Selection
Jumper JU1 sets the unique MAX5417L slave address.
The two possible hex addresses are 0x50 or 0x52. See
Table 1 for jumper settings to set the MAX5417L slave
address.
Note: The first 7 bits shown are the address. The Y bit
in Table 1 is the I2C read/write bit. The I2C protocol
states that this bit is a 1 for a read operation or a 0 for a
write. The Y bit is always set to 0 (write only) because
these digital potentiometers do not transmit data to the
master device.
I2C Clock and Data Inputs
The MAX5417L EV kit features a 2 x 10, right-angle
header receptacle (J1) to interface with the CMODUSB
command module. Pin J1-7 connects to the MAX5417L
clock pin (SCL) and pin J1-3 connects to the data pin
(SDA) for I2C-compatible communications. Slide both
SW1 dip switches on the command module to the ON
position to connect pullup resistors to the SCL and SDA
signal lines for proper I2C communication.
The clock and data input pins can also be accessed at
the SCL and SDA EV kit pads, respectively. An external
I2C-compatible controller can be connected to the SCL,
SDA, and GND pads to communicate with the
MAX5417L IC. If the external device does not have
pullup resistors on the clock and data lines, 2.4kΩ (typ)
pullup surface-mount resistors (0805 size) must be
installed on resistor R1 and R2 pads for proper I2C
communication. The GND pad must also be connected
to the external I2C controller.
Digital Potentiometer Pins
The high (H), low (L), and wiper (W) pins of the
MAX5417L digital potentiometer can be accessed at the
EV kit’s H, L, and W pads, respectively. Jumper JU3 can
be used to connect the L pin to the circuit ground thus
providing a ground reference during evaluation.
Power Input
The MAX5417L EV kit requires a 2.7V to 5.25V power
supply connected across the VDD and GND pads for
normal operation. The EV kit can also use the
CMODUSB command module’s 3.3V or 5V power
source by installing a shorting jumper across JU2 of the
MAX5417L EV kit. Configure the command module’s
VDD select voltage to 3.3V or 5V (jumper J1) when
using the command module to power the MAX5417L
EV kit.
Note: Ensure that all the data sheet absolute maximum
specifications are not violated when operating the
MAX5417L EV kit.
Evaluating Other Versions of the
MAX5417/MAX5418/MAX5419 ICs
The MAX5417L EV kit PC board can be used to evalu-
ate other addressing options of the MAX5417,
MAX5418, or MAX5419 digital potentiometers. Remove
the MAX5417L IC (U1) and replace it with the new IC
(see the Interface section). Refer to the MAX5417/
MAX5418/MAX5419 data sheet for a complete descrip-
tion of part-to-part differences.
Detailed Description
of Software
Note: Words in boldface are user-selectable features in
the software.
User-Interface Panel
The user interface (shown in Figure 1) is easy to operate.
Use the mouse, or press the tab key to navigate through
the GUI controls. The correct I2C write operation is gen-
erated to update the internal memory registers of the
MAX5417L when any of these controls are used.
The software divides EV kit functions into logical blocks.
The Interface box indicates the current Device Type,
Device Address, I2C Bus Speed, EV kit Status, and the
last write operation Command Sent and Data Sent indi-
cators. This data is used to confirm proper device opera-
tion. The Potentiometer Control box changes the wiper
position and transfers the data from the volatile memory
to the nonvolatile memory or vice-versa.
The MAX5417L EV kit software features additional func-
tions to simplify operation. Automatic Diagnostics
continually probe the interface board and the
MAX5417L EV kit to make sure that all connections are
maintained and that all devices are working properly.
MAX5417L Evaluation Kit/Evaluation System
_______________________________________________________________________________________
3
MAX5417L ADDRESS
SHUNT POSITION
MAX5417L ADDRESS A0 PIN
BINARY
HEXADECIMAL
1-2
Connected to VDD
0101 001Y
0x52
2-3
Connected to GND
0101 000Y
0x50
Table 1. Jumper Settings for Device Address (JU1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com